Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04APWR Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74LVC04APWR
Description  SNx4LVC04A Hex Inverters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC04APWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC04APWR Datasheet HTML 8Page - Texas Instruments SN74LVC04APWR Datasheet HTML 9Page - Texas Instruments SN74LVC04APWR Datasheet HTML 10Page - Texas Instruments SN74LVC04APWR Datasheet HTML 11Page - Texas Instruments SN74LVC04APWR Datasheet HTML 12Page - Texas Instruments SN74LVC04APWR Datasheet HTML 13Page - Texas Instruments SN74LVC04APWR Datasheet HTML 14Page - Texas Instruments SN74LVC04APWR Datasheet HTML 15Page - Texas Instruments SN74LVC04APWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
0.1
µF
3.3V regulated
1.8V or 3.3V accessory
Copyright © 2016, Texas Instruments Incorporated
12
SN54LVC04A, SN74LVC04A
SCAS281T – JANUARY 1993 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: SN54LVC04A SN74LVC04A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
SN74LVC04A is a low-drive CMOS device that can be used for a multitude of bus interface type applications
where output ringing is a concern. The low drive and slow edge rates minimize overshoot and undershoot on the
outputs. The inputs can accept voltages to 3.6 V at any valid VCC making it Ideal for down translation.
9.2 Typical Application
Figure 3. Typical Application Schematic
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention, because
it can drive currents that would exceed maximum limits. The high drive also creates fast edges into light loads, so
routing and load conditions must be considered to prevent ringing.
9.2.2 Detailed Design Procedure
Recommended Input Conditions:
•
For rise time and fall time specifications, see Δt/ΔV in Recommended Operating Conditions.
•
For specified high and low levels, see VIH and VIL in Recommended Operating Conditions.
•
Inputs are overvoltage tolerant allowing them to go as high as 3.6 V at any valid VCC.
Recommend Output Conditions:
•
Load currents must not exceed 25 mA per output and 50 mA total for the part.
•
Outputs must not be pulled above VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com