Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04APWRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC04APWRG4
Description  SNx4LVC04A Hex Inverters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC04APWRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC04APWRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC04APWRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC04APWRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC04APWRG4 Datasheet HTML 12Page - Texas Instruments SN74LVC04APWRG4 Datasheet HTML 13Page - Texas Instruments SN74LVC04APWRG4 Datasheet HTML 14Page - Texas Instruments SN74LVC04APWRG4 Datasheet HTML 15Page - Texas Instruments SN74LVC04APWRG4 Datasheet HTML 16Page - Texas Instruments SN74LVC04APWRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Vcc
Unused Input
Input
Output
Input
Unused Input
Output
Supply Voltage (VCC) [V]
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
D001
13
SN54LVC04A, SN74LVC04A
www.ti.com
SCAS281T – JANUARY 1993 – REVISED NOVEMBER 2016
Product Folder Links: SN54LVC04A SN74LVC04A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curves
Figure 4. Typical Application Curve
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions.
Each VCC pin must have a good bypass capacitor to prevent power disturbance. For devices with a single supply,
0.1 µF is recommended. If there are multiple VCC pins, 0.01 µF or 0.022 µF is recommended for each power pin.
It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1 µF and 1 µF are
commonly used in parallel. The bypass capacitor must be installed as close to the power pin as possible for best
results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices, inputs must not float. In many cases, functions or parts of functions of
digital logic devices are unused. Some examples are when only two inputs of a triple-input AND gate are used,
or when only 3 of the 4-buffer gates are used. Such input pins must not be left unconnected because the
undefined voltages at the outside connections result in undefined operational states.
Specified in Figure 5 are rules that must be observed under all circumstances. All unused inputs of digital logic
devices must be connected to a high or low bias to prevent them from floating. The logic level that must be
applied to any particular unused input depends on the function of the device. Generally they are tied to GND or
VCC, whichever makes more sense or is more convenient. It is acceptable to float outputs unless the part is a
transceiver. If the transceiver has an output enable pin, it disables the outputs section of the part when asserted.
This does not disable the input section of the I/Os so they also cannot float when disabled.
11.2 Layout Example
Figure 5. Layout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com