Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC86APWR.B Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LVC86APWR.B
Description  SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC86APWR.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC86APWR.B Datasheet HTML 5Page - Texas Instruments SN74LVC86APWR.B Datasheet HTML 6Page - Texas Instruments SN74LVC86APWR.B Datasheet HTML 7Page - Texas Instruments SN74LVC86APWR.B Datasheet HTML 8Page - Texas Instruments SN74LVC86APWR.B Datasheet HTML 9Page - Texas Instruments SN74LVC86APWR.B Datasheet HTML 10Page - Texas Instruments SN74LVC86APWR.B Datasheet HTML 11Page - Texas Instruments SN74LVC86APWR.B Datasheet HTML 12Page - Texas Instruments SN74LVC86APWR.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
7 Detailed Description
7.1 Overview
The 'LVC86A devices perform the Boolean function Y = A
⊕ B or Y = AB + A B in positive logic.
A common application is as a true/complement element. If one of the inputs is low, the other input is reproduced
in true form at the output. If one of the inputs is high, the signal on the other input is reproduced inverted at the
output.
Inputs can be driven from either 3.3V or 5V devices. This feature allows the use of these devices as down-
translators in a mixed 3.3V/5V system environment.
7.2 Functional Block Diagram
Exclusive-OR Logic
An exclusive-OR gate has many applications, some of which can be represented better by alternative logic
symbols.
= 1
EXCLUSIVE OR
These five equivalent exclusive-OR symbols are valid for an SN74LVC86A gate in positive logic; negation may be shown at any two ports.
=
2k
2k + 1
LOGIC-IDENTITY ELEMENT
EVEN-PARITY ELEMENT
ODD-PARITY ELEMENT
The output is active (low) if
all inputs stand at the same
logic level (i.e., A = B).
The output is active (low) if
an even number of inputs
(i.e., 0 or 2) are active.
The output is active (high) if
an odd number of inputs
(i.e., only 1 of the 2) are
active.
7.3 Feature Description
• Wide operating voltage range
– Operates from 1.65 V to 3.6 V
• Allows up or down voltage translation
– Inputs and outputs accept voltages to 5.5 V
7.4 Device Functional Modes
Table 7-1. FUNCTION
TABLE
(EACH GATE)
INPUTS
OUTPUT
Y
A
B
L
L
L
L
H
H
H
L
H
H
H
L
www.ti.com
SN54LVC86A, SN74LVC86A
SCAS288R – JANUARY 1993 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN54LVC86A SN74LVC86A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com