Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65ALS176DR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65ALS176DR
Description  SNx5ALS176, SN75ALS176A, and SN75ALS176B Differential Bus Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65ALS176DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65ALS176DR Datasheet HTML 3Page - Texas Instruments SN65ALS176DR Datasheet HTML 4Page - Texas Instruments SN65ALS176DR Datasheet HTML 5Page - Texas Instruments SN65ALS176DR Datasheet HTML 6Page - Texas Instruments SN65ALS176DR Datasheet HTML 7Page - Texas Instruments SN65ALS176DR Datasheet HTML 8Page - Texas Instruments SN65ALS176DR Datasheet HTML 9Page - Texas Instruments SN65ALS176DR Datasheet HTML 10Page - Texas Instruments SN65ALS176DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
5.8 Electrical Characteristics - Receiver
over recommended ranges of common-mode input voltage, supply voltage, and operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going input threshold voltage VO = 2.7 V,
IO = –0.4 mA
0.2
V
VIT–
Negative-going input threshold
voltage
VO = 0.5 V,
IO = 8 mA
–0.2(2)
V
Vhys
Hysteresis voltage (VIT+– VIT–)
60
mV
VIK
Enable-input clamp voltage
II = –18 mA
–1.5
V
VOH
High-level output voltage
VID = 200 mV,
See Figure 6-6
IOH = –400 mA,
2.7
V
VOL
Low-level output voltage
VID = –200 mV,
SeeFigure 6
IOL = 8 mA,
0.45
V
IOZ
High-impedance-state output current VO = 0.4 V to 2.4 V
±20
μA
VI
Line input current
Other input = 0 V(3)
VI = 12 V
1
mA
VI = –7 V
–0.8
IIH
High-level-enable input current
VIH = 2.7 V
20
μA
IIL
Low-level-enable input current
VIL = 0.4 V
–100
μA
rI
Input resistance
12
20
kΩ
IOS
Short-circuit output current
VID = 200 mV,
VO = 0
–15
–85
mA
ICC
Supply current
No load
Outputs enabled
23
30
mA
Outputs disabled
19
26
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for
common-mode input voltage and threshold voltage levels only.
(3)
This applies for power on and power off. Refer to TIA/EIA-485-A for exact conditions.
5.9 Switching Characteristics - Receiver
SN65ALS176
over recommended ranges of supply voltage and operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tpd
Propagation time
VID = –1.5 V to 1.5 V,
See Figure 6-7
CL = 15 pF,
25
ns
tsk(p)
Pulse skew(2)
VID = –1.5 V to 1.5 V,
See Figure 6-7
CL = 15 pF,
0
2
ns
tsk(lim)
Pulse skew(3)
RL = 54 Ω
See Figure 6-3
CL = 50 pF,
15
ns
tPZH
Output enable time to high level
CL = 15 pF,
See Figure 6-8
11
18
ns
tPZL
Output enable time to low level
CL = 15 pF,
See Figure 6-8
11
18
ns
tPHZ
Output disable time from high level
CL = 15 pF,
See Figure 6-8
50
ns
tPLZ
Output disable time from low level
CL = 15 pF,
See Figure 6-8
30
ns
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
Pulse skew is defined as the |tPLH– tPHL| of each channel of the same device.
(3)
Skew limit is the maximum difference in propagation delay times between any two channels of any two devices.
www.ti.com
SN65ALS176, SN75ALS176
SN75ALS176A, SN75ALS176B
SLLS040I – AUGUST 1987 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN65ALS176 SN75ALS176 SN75ALS176A SN75ALS176B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com