Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-C200 Datasheet(PDF) 7 Page - STMicroelectronics

Part # GS-C200
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button GS-C200 Datasheet HTML 3Page - STMicroelectronics GS-C200 Datasheet HTML 4Page - STMicroelectronics GS-C200 Datasheet HTML 5Page - STMicroelectronics GS-C200 Datasheet HTML 6Page - STMicroelectronics GS-C200 Datasheet HTML 7Page - STMicroelectronics GS-C200 Datasheet HTML 8Page - STMicroelectronics GS-C200 Datasheet HTML 9Page - STMicroelectronics GS-C200 Datasheet HTML 10Page - STMicroelectronics GS-C200 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7/31
S.I.M.P.L.E. Interpreter Command and Functions
(SGS-THOMSON Interactive Stepper Motor Programming Language and Executor)
Command
Byte
Length
Function
Ax
2
Activate the specified (x) User output.
Cx
2
Clear the specified (x) User output.
Dxxx
2
Delay for the specfied number (xxx) of tenth of second.
E
Start executing the program currently stored into RAM memory.
F
Feedback the GS-C status (i.e. Ready or Busy).
f+/–xxxxxxx
4
Preset the position counter to the specified absolute value (C200S).
G+/–xxxxxxx
4
Go to the specified target position (C200S).
g(+/–)
4
Move the motor indefinitely in the specified direction.
g(+/–)x
4
Move the motor in the specified direction until the specified (x) input is brought to zero.
H(+/–)
Find Home position moving clockwise (+), or moving counterclockwise (–).
Ix
2
Initialize the position counter (x=1), the user outputs (x=2), or both (x=3).
jx
2
Jump to memory location (x). Location (x) ranges between 0 and 118 (C200S).
jcy, x
2
Jump to memory location (x) if the binary value of the user inputs matches (y) value (C200S).
K
Kill the program in execution.
Lx
2
Loop for the specified (x) number of times.
M
Transfer the RAM memory content to EEPROM.
P
Enter the programming mode (C200).
Po
Enter the programming mode (C200S).
Px
Exit the programming mode (C200S).
Q
List to the host the program currently in RAM memory.
Rxxx
4
Set the Ramp length to the specified (xxx) value.
Sxxx
4
Set the start-stop speed to the specified (xxx) value.
Txxx
4
Set the slew rate speed to the specified (xxx) value.
Ux
2
Execute the program until the specified (x) user input is brought to a low level.
Vx
Read back the current position (x=1) or the user I/O status (x=2).
X
Transfer the program from EEPROM to RAM.
Wx
2
Wait until the specified (x) user input is raised to a logic one level.
Z
Stop through a deceleration ramp.
+/–xxxxxx
4
Move clockwise (+) or counter-clockwise (–) for the specified (xxxxxx) number of steps.
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com