Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS2045CH Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPS2045CH
Description  45 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045CH Datasheet(HTML) 8 Page - STMicroelectronics

  STPS2045CH_V01 Datasheet HTML 1Page - STMicroelectronics STPS2045CH_V01 Datasheet HTML 2Page - STMicroelectronics STPS2045CH_V01 Datasheet HTML 3Page - STMicroelectronics STPS2045CH_V01 Datasheet HTML 4Page - STMicroelectronics STPS2045CH_V01 Datasheet HTML 5Page - STMicroelectronics STPS2045CH_V01 Datasheet HTML 6Page - STMicroelectronics STPS2045CH_V01 Datasheet HTML 7Page - STMicroelectronics STPS2045CH_V01 Datasheet HTML 8Page - STMicroelectronics STPS2045CH_V01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Revision history
Table 6. Document revision history
Date
Version
Changes
21-Jun-2012
1
First issue.
09-Oct-2014
2
Updated Table 2 and IPAK package informations.
27-Nov-2018
3
Removed figure 1 and figure 9.
Updated Table 1. Absolute ratings (limiting values, at 25 °C unless otherwise
specified), Figure 5. Reverse leakage current versus reverse voltage applied
(typical values, per diode), Figure 7. Forward voltage drop versus forward
current (per diode) and Table 5. Ordering information.
STPS2045CH
DS8991 - Rev 3
page 8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com