Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS2150A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS2150A
Description  150 V, 2 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2150A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS2150A Datasheet HTML 5Page - STMicroelectronics STPS2150A Datasheet HTML 6Page - STMicroelectronics STPS2150A Datasheet HTML 7Page - STMicroelectronics STPS2150A Datasheet HTML 8Page - STMicroelectronics STPS2150A Datasheet HTML 9Page - STMicroelectronics STPS2150A Datasheet HTML 10Page - STMicroelectronics STPS2150A Datasheet HTML 11Page - STMicroelectronics STPS2150A Datasheet HTML 12Page - STMicroelectronics STPS2150A Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Figure 16. SMA Flat Notch recommended footprint in mm (inches)
3.12
(0.123)
5.52
(0.217)
1.20
1.52
(0.060)
1.20
)
47
0
.
0
(
)
.047
0
(
2.3
DO-15 package information
•
Epoxy meets UL 94, V0
Figure 17. DO-15 package outline
ØB
ØD
A
C
C
Table 6. DO-15 package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
6.05
-
6.75
0.238
-
0.266
B
2.95
-
3.53
0.116
-
0.139
C
26.00
-
31.00
1.024
-
1.220
D
0.71
-
0.88
0.028
-
0.0035
STPS2150
DO-15 package information
DS3282 - Rev 8
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com