| Electronic Components Datasheet Search |
|
ETC5067FN-X Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ETC5067FN-X Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 18 page ![]() FUNCTIONAL DESCRIPTION POWER-UP When power is first applied, power-on reset circuitry initializes the device and places it into the power- down mode. All non-essential circuits are deacti- vated and the DX and VFRO outputs are put in high impedancestates. To power-up the device, a logical low level or clock must be applied to the MCLKR/PDN pin and FSX and/or FSR pulses must be present. Thus 2 power-down control modes are available. The first is to pull the MCLKR/PDN pin high; the alternative is to hold both FSX and FSR in- puts continuously low. The device will power-down approximately 2 ms after the last FSX pulse. The TRI-STATE PCM data output, DX, will remain in the high impedance state until the second FSX pulse. SYNCHRONOUS OPERATION For synchronous operation, the same master clock and bit clock should be used for both the transmit and receive directions. In this mode, a clock must be applied to MCLKX and the MCLKR/PDN pin can be used as a power-down control. A low level on MCLKR/PDN powers up the device and a high level powers down the device. In either case, MCLKX will be selected as the master clock for both the transmit and receive circuits. A bit clock must also be applied to BCLKX and the BCLR/CLKSEL can be used to se- lect the proper internal divider for a master clock of 1.536 MHz, 1.544 MHz or 2.048 MHz. For 1.544 MHz operation, the device automatically compen- sates for the 193 rd clock pulse each frame. With a fixed level on the BCLKR/CKSEL pin, BCLKX will be selected as the bit clock for both the transmit and receive directions. Table 1 indicates the fre- quencies of operation which can be selected, de- pending on the state of BCLKR/CLKSEL. In this syn- chronous mode, the bit clock, BCLKX, may be from 64 kHz to 2.048 MHz, but must be synchronouswith MCLKX. Each FSX pulse begins the encoding cycle and the PCM data from the previous encode cycle is shift out of the enabled DX output on the positive edge of BCLKX. After 8 bit clock periods, the TRISTATE DX output is returned to a high impedance state. With an FSR pulse, PCM data is latched via the DR input on the negativeedge of BCLKX (or on BCKLR if running). FSX and FSR must be synchronous with MCLKX/R. ASYNCHRONOUS OPERATION For asynchronous operation, separate transmit and receive clocks may be applied. MCLKX and MCLKR must be 2.048 MHz for the ETC5067 or 1.536 MHz, 1.544 MHz for the ETC5064, and need not be syn- chronous. For best transmission performance, how- ever, MCLKR should be synchronouswith MCLKX, which is easily achieved by applyingonly static logic levels to the MCLKR/PDN pin. This will automatically connectMCLKX toall internal MCLKR functions(see pin description). For 1.544 MHz operation, the de- vice automatically compensates for the 193rd clock pulse each frame. FSX starts each encoding cycle and must be synchronous with MCLKX and BCLKX. FSR starts each decoding cycle and must be syn- chronous with BCLKR.BCLKR must be a clock, the logic levels shown in Table 1 are not valid in asyn- chronous mode. BCLKX and BCLKR may operate from 64kHz to 2.048 MHz. SHORT FRAME SYNC OPERATION The device can utilize either a short frame sync pulse or a long frame sync pulse.Upon power initiali- zation, the device assumes a short frame mode. In this mode, both frame sync pulses. FSX and FSR, must be one bit clock period long, with timing rela- tionships specified in figure 2. With FSX high during a falling edge of BCLKR, the next rising edge of BCLKX enables the DX TRI-STATE output buffer, which will output the sign bit. The following seven ris- ing edges clock out the remaining seven bits, and the next falling edge disables the DX output. With FSR high during a falling edge of BCLKR (BCLKX in synchronous mode), the next falling edge of BCLKR latches in the sign bit. The following seven falling edges latch in the seven remaining bits. Both de- vices may utilize the short frame sync pulse in syn- chronous or asynchronous operating mode. LONG FRAME SYNC OPERATION To use the long frame mode, both the frame sync pulses, FSX and FSR, must be three or more bit clock periods long, with timing relationships specified in figure 3. Based on the transmit frame sync FSX,the device will sense whether short or long frame sync Table 1: Selection of Master Clock Frequencies. BCLKR/CLKSEL Master Clock Frequency Selected ETC5067 ETC5067-X ETC5064 ETC5064-X Clocked 2.048MHz 1.536MHz or 1.544MHz 0 1.536MHz or 1.544MHz 2.048MHz 1 (or open circuit) 2.048MHz 1.536MHz or 1.544MHz ETC5064 - ETC5064-X - ETC5067 - ETC5067-X 4/18 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |