Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8535BI-01 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS8535BI-01
Description  LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO- 3.3V LVPECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8535BI-01 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS8535BI-01 Datasheet HTML 3Page - Integrated Device Technology ICS8535BI-01 Datasheet HTML 4Page - Integrated Device Technology ICS8535BI-01 Datasheet HTML 5Page - Integrated Device Technology ICS8535BI-01 Datasheet HTML 6Page - Integrated Device Technology ICS8535BI-01 Datasheet HTML 7Page - Integrated Device Technology ICS8535BI-01 Datasheet HTML 8Page - Integrated Device Technology ICS8535BI-01 Datasheet HTML 9Page - Integrated Device Technology ICS8535BI-01 Datasheet HTML 10Page - Integrated Device Technology ICS8535BI-01 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IDT™ / ICS™ 3.3V LVPECL FANOUT BUFFER
7
ICS8535BGI-01 REV. A NOVEMBER 9, 2007
ICS8535BI-01
LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
OUTPUT SKEW
PART-TO-PART SKEW
3.3V OUTPUT LOAD AC TEST CIRCUIT
OUTPUT RISE/FALL TIME
PROPAGATION DELAY
OUTPUT DUTY CYCLE/ PULSE WIDTH/PERIOD
SCOPE
Qx
nQx
LVPECL
V
EE
2V
-1.3V ± 0.165V
tsk(pp)
nQx
Qx
nQy
Qy
PART 1
PART 2
V
CC
tsk(o)
nQx
Qx
nQy
Qy
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Q0:Q3
nQ0:nQ3
t
PD
CLK0,
CLK1
Q0:Q3
nQ0:nQ3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com