Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC4T245RGYRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74AVC4T245RGYRG4
Description  SN74AVC4T245 Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74AVC4T245RGYRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74AVC4T245RGYRG4 Datasheet HTML 3Page - Texas Instruments 74AVC4T245RGYRG4 Datasheet HTML 4Page - Texas Instruments 74AVC4T245RGYRG4 Datasheet HTML 5Page - Texas Instruments 74AVC4T245RGYRG4 Datasheet HTML 6Page - Texas Instruments 74AVC4T245RGYRG4 Datasheet HTML 7Page - Texas Instruments 74AVC4T245RGYRG4 Datasheet HTML 8Page - Texas Instruments 74AVC4T245RGYRG4 Datasheet HTML 9Page - Texas Instruments 74AVC4T245RGYRG4 Datasheet HTML 10Page - Texas Instruments 74AVC4T245RGYRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1) (2) (3)
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.2
3.6
V
VCCB
Supply voltage
1.2
3.6
V
VIH
High-level
input voltage
Data inputs(4)
1.2V to 1.95V
VCCI × 0.65
V
1.95V to 2.7V
1.6
2.7V to 3.6V
2
VIL
Low-level
input voltage
Data inputs(4)
1.2V to 1.95V
VCCI × 0.35
V
1.95V to 2.7V
0.7
2.7V to 3.6V
0.8
VIH
High-level
input voltage
DIR
(referenced to VCCA)(5)
1.2V to 1.95V
VCCA × 0.65
V
1.95V to 2.7V
1.6
2.7V to 3.6V
2
VIL
Low-level
input voltage
DIR
(referenced to VCCA)(5)
1.2V to 1.95V
VCCA × 0.35
V
1.95V to 2.7V
0.7
2.7V to 3.6V
0.8
VI
Input voltage
0
3.6
V
VO
Output voltage
Active state
0
VCCO
V
3-state
0
3.6
IOH
High-level output current
1.2V
–3
mA
1.4V to 1.6V
–6
1.65V to 1.95V
–8
2.3V to 2.7V
–9
3V to 3.6V
–12
IOL
Low-level output current
1.1V to 1.2V
3
mA
1.4V to 1.6V
6
1.65V to 1.95V
8
2.3V to 2.7V
9
3V to 3.6V
12
Δt/Δv
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused data inputs of the device must be held at VCCI or GND for proper device operation. Refer to the Implications of Slow or
Floating CMOS Inputs application report.
(4)
For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7V, VIL max = VCCI × 0.3V
(5)
For VCCI values not specified in the data sheet, VIH min = VCCA × 0.7V, VIL max = VCCA × 0.3V
www.ti.com
SN74AVC4T245
SCES576I – JUNE 2004 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74AVC4T245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com