Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AXC2T45DCTRG4 Datasheet(PDF) 38 Page - Texas Instruments

Part # SN74AXC2T45DCTRG4
Description  SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC2T45DCTRG4 Datasheet(HTML) 38 Page - Texas Instruments

Back Button SN74AXC2T45DCTRG4 Datasheet HTML 31Page - Texas Instruments SN74AXC2T45DCTRG4 Datasheet HTML 32Page - Texas Instruments SN74AXC2T45DCTRG4 Datasheet HTML 33Page - Texas Instruments SN74AXC2T45DCTRG4 Datasheet HTML 34Page - Texas Instruments SN74AXC2T45DCTRG4 Datasheet HTML 35Page - Texas Instruments SN74AXC2T45DCTRG4 Datasheet HTML 36Page - Texas Instruments SN74AXC2T45DCTRG4 Datasheet HTML 37Page - Texas Instruments SN74AXC2T45DCTRG4 Datasheet HTML 38Page - Texas Instruments SN74AXC2T45DCTRG4 Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.411)
4X (0.42)
6X (0.2)
(0.5)
(0.78)
PINS: 1,3,5,7
(0.27)
(R0.05) TYP
(
0.22)
(0.2) TYP
4X (0.079)
(45 ) TYP
4X (0.128)
X2SON - 0.4 mm max height
DTM0008A
PLASTIC SMALL OUTLINE - NO LEAD
4224755/B 10/2022
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SYMM
SYMM
1
3
4
7
5
8
SOLDER PASTE EXAMPLE
BASED ON 0.075 mm THICK STENCIL
SCALE: 40X
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com