Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87421AMIFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS87421AMIFT
Description  첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87421AMIFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS87421AMIFT Datasheet HTML 6Page - Integrated Device Technology ICS87421AMIFT Datasheet HTML 7Page - Integrated Device Technology ICS87421AMIFT Datasheet HTML 8Page - Integrated Device Technology ICS87421AMIFT Datasheet HTML 9Page - Integrated Device Technology ICS87421AMIFT Datasheet HTML 10Page - Integrated Device Technology ICS87421AMIFT Datasheet HTML 11Page - Integrated Device Technology ICS87421AMIFT Datasheet HTML 12Page - Integrated Device Technology ICS87421AMIFT Datasheet HTML 13Page - Integrated Device Technology ICS87421AMIFT Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IDT™ / ICS™ LVDS CLOCK GENERATOR
11
ICS87421AMI REV. A OCTOBER 3, 2007
ICS87421I
÷1/÷2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS87421I is: 417
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 8 LEAD SOIC
θθθθθ
JA
by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
96°C/W
87°C/W
82°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com