Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1150A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1150A
Description  150 V, 1 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1150A Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1150A Datasheet HTML 1Page - STMicroelectronics STPS1150A Datasheet HTML 2Page - STMicroelectronics STPS1150A Datasheet HTML 3Page - STMicroelectronics STPS1150A Datasheet HTML 4Page - STMicroelectronics STPS1150A Datasheet HTML 5Page - STMicroelectronics STPS1150A Datasheet HTML 6Page - STMicroelectronics STPS1150A Datasheet HTML 7Page - STMicroelectronics STPS1150A Datasheet HTML 8Page - STMicroelectronics STPS1150A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Figure 5. Relative variation of thermal impedance junction
to ambient versus pulse duration (DO-41)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
/R
th(j-a)
th(j-a)
t (s)
p
DO-41
Single pulse
Figure 6. Reverse leakage current versus reverse voltage
applied (typical values)
I (µA)
R
1.E- 03
1.E- 02
1.E- 01
1.E+ 00
1.E+ 01
1.E+ 02
1.E+ 03
1.E+ 04
0
25
50
75
100
125
150
T =125°C
j
T =150°C
j
T =100°C
j
T =50°C
j
T =25°C
j
T =75°C
j
V ( V)
R
Figure 7. Junction capacitance versus reverse voltage
applied (typical values)
C(pF)
1
10
100
1
1 0
100
1000
F = 1 MHz
V
= 30mV
T = 25 °C
OSC
RMS
j
V (V)
R
Figure 8. Forward voltage drop versus forward current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0 .1
0.2
0 .3
0.4
0 .5
0.6
0 .7
0.8
0 .9
1.0
T= 125°C
(maximum values)
j
T= 125°C
(typical values)
j
T= 25°C
(maximum values)
j
IF(A)
VF(V)
Figure 9. Thermal resistance junction to ambient versus
copper surface under each lead (SMA)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SCu(cm²)
Rth(j-a) (°C/W)
Epoxy printed circuit copper thickness = 35 µm
Figure 10. Thermal resistance versus lead length (DO-41)
Rth(°C/W)
0
20
40
60
80
100
120
5
10
15
25
Lleads(mm)
Rth(j-I)
Rth(j-a)
20
STPS1150
Characteristics (curves)
DS3281 - Rev 8
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com