Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCLM-SMP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCLM-SMP
Description  Connector Accessories For Miniature Size Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCLM-SMP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCLM-SMP Datasheet HTML 1Page - List of Unclassifed Manufacturers PCLM-SMP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G-33
Cable Clamp
Dual Element Tube Clamp
*Insert probe diameter: “116” for 1⁄16", or “18” for 1⁄8"
Connector Accessories
For Miniature Size Connectors
Model No.
Compatible Connectors
DX-BRLK-(*)-SMP
SMPW, HMPW
Model No.
Compatible Connectors
PCLM-SMP
SMPW, HMPW
PCLM-NMP
NMP
PCLM-GMP
GMP, HGMP
PCLM-SMP-RSC
SMPW, HMPW (larger size wire)
PCLM-SHX
SHX-MF
Ferrite Cable Clamp
Model No.
Compatible Connectors
PCLM-SMP-FT
SMPW, GMP, HGMP
PCLM-SMP-RSC-FT
HMPW, MTP
Miniature Strain Relief Tubing
*Insert quantity: select from packages of 5, 10, 50, 100. Center number denotes
tubing inside diameter: “316” for 3⁄16", “332” for 3⁄32", “532” for 5⁄32".
For miniature connectors with
built-in ferrite, please visit
newportUS.com, ferrite core included.
Wire Caddy (Spool Cap)
To Order
Visit
newportUS.com/CTRAMIN for Pricing and Details
Model No.
Compatible Connectors
SMP-SC
pkg of 5
SMPW, HMPW
SWHCL
pkg of 20
SMPW, HMPW
PCLM-SMP cable clamp
shown with SMPW-J-M
DX-BRLK-(*)-SMP
dual element
tube clamp
shown with
two SMP-J-M
Wire wraps neatly
around caddy body.
SMP-SC
wire caddy
shown with
SMP-T-M
SWHCL
wire caddy
shown with
SMPW-K-M
Model No.
Compatible Connectors
MSRT-116-(*)
MSRT-332-(*)
MSRT-532-10
SMPW, HMPW,
GMP, HGMP
Write-on
Window
Rubber Boots
Model No.
Compatible Connectors
MRB
SMPW, HMPW
MRBS
SMPW, HMPW
MRB rated to 200°
MRBS rated to 450°


Similar Part No. - PCLM-SMP

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PCLM-SMP OMEGA-PCLM-SMP Datasheet
153Kb / 2P
EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
PCLM-SMP-FT OMEGA-PCLM-SMP-FT Datasheet
153Kb / 2P
EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
PCLM-SMP-FT OMEGA-PCLM-SMP-FT Datasheet
315Kb / 1P
EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
PCLM-SMP-FT. OMEGA-PCLM-SMP-FT. Datasheet
315Kb / 1P
EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
PCLM-SMP-RSC-FT OMEGA-PCLM-SMP-RSC-FT Datasheet
153Kb / 2P
EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
More results

Similar Description - PCLM-SMP

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM-4-DC1 HIROSE-TM-4-DC1 Datasheet
43Kb / 1P
MODULAR CONNECTORS(ACCESSORIES)
logo
List of Unclassifed Man...
GWX-38 ETC-GWX-38 Datasheet
53Kb / 1P
Miniature size for high density applications
logo
Tyco Electronics
PT78722 MACOM-PT78722 Datasheet
265Kb / 5P
Accessories Miniature Relay PT
RY78626 MACOM-RY78626 Datasheet
114Kb / 2P
Accessories Miniature PCB Relay RYII
PT7872P MACOM-PT7872P Datasheet
530Kb / 7P
Accessories Miniature Relay PT
logo
List of Unclassifed Man...
MS3420-8 ETC2-MS3420-8 Datasheet
130Kb / 9P
GT Connectors - accessories
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
Connectors and Accessories
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
Connectors and Accessories
logo
Carlo Gavazzi Holding A...
CONB53NF-APT2P CARLOGAVAZZI-CONB53NF-APT2P Datasheet
337Kb / 3P
General Accessories Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com