Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8805 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 23Page - STMicroelectronics PM8805 Datasheet HTML 24Page - STMicroelectronics PM8805 Datasheet HTML 25Page - STMicroelectronics PM8805 Datasheet HTML 26Page - STMicroelectronics PM8805 Datasheet HTML 27Page - STMicroelectronics PM8805 Datasheet HTML 28Page - STMicroelectronics PM8805 Datasheet HTML 29Page - STMicroelectronics PM8805 Datasheet HTML 30Page - STMicroelectronics PM8805 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
DS12813 Rev 1
27/45
PM8805
PM8805 overview
45
Figure 7. Simplified general schematic with PM8805 and CM filter before the DC/DC
The introduction of the CM filter separates in high frequency the ground reference of
PM8805 from the ground reference of the PWM controller, but this has no effect on the
behavior of the converter; in fact the only signal exchanged is PGD that can be pulled up
close to the PWM controller at the internal reference voltage and, as a further precaution,
can also be filtered with a small ceramic capacitor.
4.10
Auxiliary sources
Some Powered Devices are designed to work with power from either a PoE network or an
auxiliary source such as a wall adapter. This allows PDs to be used also when the PoE is
not available or when the assigned power is not sufficient.
Two different configurations are typically chosen to connect an auxiliary source to the
DC/DC section of a PD device: after the bridge, but before the hot swap MOSFET or after
both of those; the PM8805 is designed to facilitate the design of both configurations,
allowing the coexistence with the PoE interface.
Figure 8 and Figure 9 show simplified application schematics where auxiliary sources can
be connected either prior (front) or after (rear) the internal hot swap MOSFET, making use of
a resistor divider between the external source and FAUX or RAUX pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com