Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8805TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM8805TR
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM8805TR Datasheet HTML 9Page - STMicroelectronics PM8805TR Datasheet HTML 10Page - STMicroelectronics PM8805TR Datasheet HTML 11Page - STMicroelectronics PM8805TR Datasheet HTML 12Page - STMicroelectronics PM8805TR Datasheet HTML 13Page - STMicroelectronics PM8805TR Datasheet HTML 14Page - STMicroelectronics PM8805TR Datasheet HTML 15Page - STMicroelectronics PM8805TR Datasheet HTML 16Page - STMicroelectronics PM8805TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
DS12813 Rev 1
13/45
PM8805
Electrical specifications
45
3.4
Electrical characteristics
(VDD=VOB=48 V, 1 nF from VCP to VDD, 100 nF on VB, TA = -40°C to 85°C unless
otherwise specified(a).)
a. Minimum and Maximum limits are guaranteed by test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TA =25 °C, and are provided for reference only.
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
Undervoltage UVLO
Vuvlo_rising
UVLO release
Measured between PoE inputs(1)
VDD rising
38.0
41.5
V
Vuvlo_falling
UVLO lock-out
Measured between PoE inputs
VDD(1) falling
30.5
33.5
V
Vuvlo_hyst
UVLO hysteresis
VDD falling
7.5
V
Tduvlo_falling
UVLO lock-out delay
VDD falling
100
μs
Input bridges
Rdson_br
MOSFET Ron
30.5< VDD<57V, I=1A
90
150
mΩ
Vbron
Bridge ON max. voltage drop
30.5< VDD<57V, I=1A
180
300
mV
Vbroff
Bridge OFF max. voltage drop
VDD<23V, I=44mA
1.4
1.8
V
Unbal
Bridge to Bridge resistance
unbalance
30.5< VDD<57V, I=1A, bridges ON
30
%
Vbfd
Backfeed voltage
100kΩ resistance between
unpowered PoE inputs(1), VDD=57V
2.7
V
Ileak
Leakage current
VDD=57V, current drawn by any
bridge input(1)
25
μA
ZCD_HS_thr
High-side MOSFET
comparator threshold
Measured between any bridge
input(1) and VDD
-25
mV
ZCD_LS_thr
Low-side MOSFET
comparator threshold
Measured between any bridge input
and relevant ground(1)
10
mV
ZCD_hyst
Comparators hysteresis
10
mV
Td_ZCD
Comparators delay
5
15
μs
Charge pump(2)
Vcp
Charge pump voltage
Measured wrt VDD 30.5< VDD<57V
10nF on VCP pin
6.8
9.8
V
Icp
Capacitor charging current
VCP = VDD+7V
50
μA
Detection and classification
Von_det
Signature enable
Measured between PoE inputs(1)
VDD rising
2.5
V
Voff_det
Signature disable
Measured between PoE inputs(1)
VDD rising
10.5
13.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com