Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS002AI40L Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS002AI40L
Description  175MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS002AI40L Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS002AI40L Datasheet HTML 1Page - Integrated Device Technology ICS002AI40L Datasheet HTML 2Page - Integrated Device Technology ICS002AI40L Datasheet HTML 3Page - Integrated Device Technology ICS002AI40L Datasheet HTML 4Page - Integrated Device Technology ICS002AI40L Datasheet HTML 5Page - Integrated Device Technology ICS002AI40L Datasheet HTML 6Page - Integrated Device Technology ICS002AI40L Datasheet HTML 7Page - Integrated Device Technology ICS002AI40L Datasheet HTML 8Page - Integrated Device Technology ICS002AI40L Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ICS843002I-40
175MHZ, FEMTOCLOCKS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
IDT™ / ICS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
3
ICS843002AKI-40 REV. A NOVEMBER 7, 2007
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2
LF1, LF0
Analog
Input/Output
Loop filter connection node pins.
3
ISET
Analog
Input/Output
Charge pump current setting pin.
4VCC
Power
Core power supply pin.
5
CLK0
Input
Pulldown
Non-inverting differential clock input.
6nCLK0
Input
Pullup
Pulldown
Inverting differential clock input. VCC/2 bias voltage when left floating.
7
CLK_SEL
Input
Pulldown
Input clock select. LVCMOS/LVTTL interface levels. See Table 3A.
8, 11, 22
nc
Unused
No connect.
9,
10
QA_SEL1,
QA_SEL0
Input
Pullup
Output divider control for QA/nQA LVPECL outputs.
LVCMOS/LVTTL interface levels.See Table 3C.
12,
13
QB_SEL1,
QB_SEL0
Input
Pullup
Output divider control for QB/nQB LVPECL outputs.
LVCMOS/LVTTL interface levels.See Table 3C.
14
VCCA
Power
Analog supply pin.
15, 16
QA, nQA
Output
Differential clock output pair. LVPECL interface levels.
17, 27
VEE
Power
Negative supply pins.
18, 19
QB, nQB
Output
Differential clock output pair. LVPECL interface levels.
20
VCCO_LVPECL
Power
Output supply pin for LVPECL outputs.
21
VCCO_LVCMOS
Power
Output supply pin for LVCMOS/LVTTL outputs.
23
LOR1
Output
Alarm output, loss of reference for CLK1/nCLK1.
LVCMOS/LVTTL interface levels.
24
LOR0
Output
Alarm output, loss of reference for CLK0/nCLK0.
LVCMOS/LVTTL interface levels.
25
nCLK1
Input
Pullup
Pulldown
Inverting differential clock input. VCC/2 bias voltage when left floating.
26
CLK1
Input
Pulldown
Non-inverting differential clock input.
28,
29,
30
R_SEL0,
R_SEL1,
R_SEL2
Input
Pulldown
Input divider selection. LVCMOS/LVTTL interface levels. See Table 3B.
31,
32
XTAL_OUT,
XTAL_IN
Input
Crystal oscillator interface. The XTAL_IN is the input.
XTAL_OUT is the output.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
50
k
RPULLDOWN Input Pulldown Resistor
50
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com