Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN6501DBVT Datasheet(PDF) 20 Page - Texas Instruments

Part # SN6501DBVT
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 16Page - Texas Instruments SN6501DBVT Datasheet HTML 17Page - Texas Instruments SN6501DBVT Datasheet HTML 18Page - Texas Instruments SN6501DBVT Datasheet HTML 19Page - Texas Instruments SN6501DBVT Datasheet HTML 20Page - Texas Instruments SN6501DBVT Datasheet HTML 21Page - Texas Instruments SN6501DBVT Datasheet HTML 22Page - Texas Instruments SN6501DBVT Datasheet HTML 23Page - Texas Instruments SN6501DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
VS-min = VF-max + VDO-max + VO-max
(5)
Q
VIN
VF
RL
RDS
VDS
VDO
VP
VI
VO
VS
Figure 8-5. Establishing the Required Minimum Turns Ratio Through Nmin = 1.031 × VS-min / VP-min
Then calculating the available minimum primary voltage, VP-min, involves subtracting the maximum possible
drain-source voltage of the SN6501, VDS-max, from the minimum converter input voltage VIN-min:
VP-min = VIN-min – VDS-max
(6)
VDS-max however, is the product of the maximum RDS(on) and ID values for a given supply specified in the
SN6501 data sheet:
VDS-max = RDS-max × IDmax
(7)
Then inserting Equation 7 into Equation 6 yields:
VP-min = VIN-min - RDS-max x IDmax
(8)
and inserting Equation 8 and Equation 5 into Equation 9 provides the minimum turns ration with:
F-max
DO-max
O-max
min
IN-min
DS-max
D-max
V
+ V
+ V
n
= 1.031
V
R
I
´
-
´
(9)
Example:
For a 3.3 VIN to 5 VOUT converter using the rectifier diode MBR0520L and the 5 V LDO TPS76350, the data
sheet values taken for a load current of 100 mA and a maximum temperature of 85°C are VF-max = 0.2 V,
VDO-max = 0.2 V, and VO-max = 5.175 V.
Then assuming that the converter input voltage is taken from a 3.3 V controller supply with a maximum ±2%
accuracy makes VIN-min = 3.234 V. Finally the maximum values for drain-source resistance and drain current at
3.3 V are taken from the SN6501 data sheet with RDS-max = 3 Ω and ID-max = 150 mA.
Inserting the values above into Equation 9 yields a minimum turns ratio of:
min
0.2V + 0.2V + 5.175 V
n
= 1.031
= 2
3.234 V
3 Ω
150 mA
´
-
´
(10)
Most commercially available transformers for 3-to-5 V push-pull converters offer turns ratios between 2.0 and 2.3
with a common tolerance of ±3%.
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com