Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APWG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC07APWG4
Description  SN74LVC07A Hex Buffer and Driver With Open-Drain Outputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC07APWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC07APWG4 Datasheet HTML 2Page - Texas Instruments SN74LVC07APWG4 Datasheet HTML 3Page - Texas Instruments SN74LVC07APWG4 Datasheet HTML 4Page - Texas Instruments SN74LVC07APWG4 Datasheet HTML 5Page - Texas Instruments SN74LVC07APWG4 Datasheet HTML 6Page - Texas Instruments SN74LVC07APWG4 Datasheet HTML 7Page - Texas Instruments SN74LVC07APWG4 Datasheet HTML 8Page - Texas Instruments SN74LVC07APWG4 Datasheet HTML 9Page - Texas Instruments SN74LVC07APWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
SN74LVC07A
SCAS595W – OCTOBER 1997 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN74LVC07A
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LVC07A
UNIT
D
(SOIC)
DB
(SSOP)
DGV
(TVSOP)
NS
(SO)
PW
(TSSOP)
RGY
(VQFN)
14 PINS
RθJA
Junction-to-ambient thermal resistance
177.4
135.1
157.7
120.3
160.3
80.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
75.4
86.7
78.3
76.3
84.4
97.0
°C/W
RθJB
Junction-to-board thermal resistance
70.6
82.4
90.8
79.0
102.1
56.7
°C/W
ψJT
Junction-to-top characterization parameter
34.7
43.7
21.0
36.2
24.3
16.7
°C/W
ψJB
Junction-to-board characterization parameter
70.4
81.9
90.1
78.7
101.4
56.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
n/a
n/a
35.8
°C/W
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6.5 Electrical Characteristics—DC Limit Changes
TA = –40°C to +125°C, unless otherwise noted
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VOL
IOL = 100 µA
1.65 V to 5.5 V
0.2
V
IOL = 4 mA
1.65 V
0.45
IOL = 12 mA
2.3 V
0.7
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = 5.5 V or GND
3.6 V
±5
µA
Ioff
VI or VO = 5.5 V
0 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
µA
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
2.7 V to 3.6 V
500
µA
Ci
VI = VCC or GND
3.3 V
5.0
pF
6.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 through Figure 6)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tpd
A
Y
–40°C to 85°C
VCC = 1.8 V ± 0.15 V
1
5.6
ns
VCC = 2.5 V ± 0.2 V
1
3.4
VCC = 2.7 V
1
3.3
VCC = 3.3 V ± 0.3 V
1
3.6
VCC = 5 V ± 0.5 V
1
2.6
–40°C to 125°C
VCC = 1.8 V ± 0.15 V
1
6.1
VCC = 2.5 V ± 0.2 V
1
3.9
VCC = 2.7 V
1
3.8
VCC = 3.3 V ± 0.3 V
1
4.1
VCC = 5 V ± 0.5 V
1
3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com