Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APWRG3 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC07APWRG3
Description  SN74LVC07A Hex Buffer and Driver With Open-Drain Outputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC07APWRG3 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC07APWRG3 Datasheet HTML 1Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 2Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 3Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 4Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 5Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 6Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 7Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 8Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
SN74LVC07A
SCAS595W – OCTOBER 1997 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN74LVC07A
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ..................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ...................... 5
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics—DC Limit Changes.......... 6
6.6
Switching Characteristics .......................................... 6
6.7
Operating Characteristics.......................................... 7
6.8
Typical Characteristics .............................................. 7
7
Parameter Measurement Information .................. 8
7.1
VCC = 1.8 V ± 0.15 V................................................. 8
7.2
VCC = 2.5 V ± 0.2 V................................................... 9
7.3
VCC = 2.7 and 3.3 V ± 0.3 V ................................... 10
7.4
VCC = 5 V ± 0.5 V.................................................... 11
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 12
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 12
9
Application and Implementation ........................ 13
9.1
Application Information............................................ 13
9.2
Typical Application ................................................. 13
10
Power Supply Recommendations ..................... 14
11
Layout................................................................... 14
11.1
Layout Guidelines ................................................. 14
11.2
Layout Example .................................................... 15
12
Device and Documentation Support ................. 16
12.1
Documentation Support ........................................ 16
12.2
Receiving Notification of Documentation Updates 16
12.3
Community Resources.......................................... 16
12.4
Trademarks ........................................................... 16
12.5
Electrostatic Discharge Caution ............................ 16
12.6
Glossary ................................................................ 16
13
Mechanical, Packaging, and Orderable
Information ........................................................... 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision V (May 2015) to Revision W
Page
•
Changed Pin Functions table ................................................................................................................................................ 4
•
Added Junction temperature to the Absolute Maximum Ratings table .................................................................................. 5
•
Reformatted the Electrical Characteristics and the Switching Characteristics tables ........................................................... 6
•
Changed Typical Application Diagram ................................................................................................................................ 13
•
Added Receiving Notification of Documentation Updates section ...................................................................................... 16
Changes from Revision U (June 2014) to Revision V
Page
•
Changed Handling Ratings table to ESD Ratings table ........................................................................................................ 5
•
Added industry standard terms to package designators in the Thermal Information table .................................................... 6
•
Changed from "High" to "High-Z" in the Function Table ..................................................................................................... 12
Changes from Revision T (February 2011) to Revision U
Page
•
Updated document to new TI data sheet format .................................................................................................................... 1
•
Removed Ordering Information table ..................................................................................................................................... 1
•
Added Applications ................................................................................................................................................................. 1
•
Added Ioff Features bullet........................................................................................................................................................ 1
•
Added Device Information table ............................................................................................................................................. 1
•
Added Handling Ratings table. ............................................................................................................................................... 5
•
Changed MAX operating free-air temperature from 85°C to 125°C....................................................................................... 5
•
Updated Thermal Information table. ...................................................................................................................................... 6
•
Added –40°C TO +125°C temperature range to Electrical Characteristics table................................................................... 6
•
Added Switching Characteristics table for –40°C TO 125°C temperature range ................................................................... 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com