Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC1G34DBVR
Description  SN74LVC1G34 Single Buffer Gate
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G34DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC1G34DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
8.2.1 Design Requirements
8.2.1.1 Power Considerations
Ensure that the desired supply voltage is within the range specified in the Electrical Characteristics. The supply
voltage sets the device electrical characteristics of the device, as described in the Electrical Characteristics
section.
The positive voltage supply must be capable of sourcing current equal to the maximum static supply current, ICC,
listed in the Electrical Characteristics, and any transient current required for switching.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
SN74LVC1G34 plus the maximum supply current, ICC, listed in the Electrical Characteristics, and any transient
current required for switching. The logic device can only sink as much current that can be sunk into its ground
connection. Ensure the maximum total current through GND listed in the Absolute Maximum Ratings is not
exceeded.
The SN74LVC1G34 can drive a load with a total capacitance less than or equal to 50pF while still meeting all of
the data sheet specifications. Larger capacitive loads can be applied; however, it is not recommended to exceed
50pF.
The SN74LVC1G34 can drive a load with total resistance described by RL ≥ VO / IO, with the output voltage and
current defined in the Electrical Characteristics table with VOL. When outputting in the HIGH state, the output
voltage in the equation is defined as the difference between the measured output voltage and the supply voltage
at the VCC pin.
Total power consumption can be calculated using the information provided in the CMOS Power Consumption
and Cpd Calculation application note.
Thermal increase can be calculated using the information provided in the Thermal Characteristics of Standard
Linear and Logic (SLL) Packages and Devices application note.
CAUTION
The maximum junction temperature, TJ(max) listed in the Absolute Maximum Ratings, is an additional
limitation to prevent damage to the device. Do not violate any values listed in the Absolute Maximum
Ratings. These limits are provided to prevent damage to the device.
8.2.1.2 Input Considerations
Input signals must cross to be considered a logic LOW, and to be considered a logic HIGH. Do not exceed the
maximum input voltage range found in the Absolute Maximum Ratings.
Unused inputs must be terminated to either VCC or ground. The unused inputs can be directly terminated if the
input is completely unused, or they can be connected with a pull-up or pull-down resistor if the input will be used
sometimes, but not always. A pull-up resistor is used for a default state of HIGH, and a pull-down resistor is
used for a default state of LOW. The drive current of the controller, leakage current into the SN74LVC1G34 (as
specified in the Electrical Characteristics), and the desired input transition rate limits the resistor size. A 10kΩ
resistor value is often used due to these factors.
Refer to the Feature Description for additional information regarding the inputs for this device.
8.2.1.3 Output Considerations
The ground voltage is used to produce the output LOW voltage. Sinking current into the output will increase the
output voltage as specified by the VOL specification in the Electrical Characteristics.
Unused outputs can be left floating. Do not connect outputs directly to VCC or ground.
Refer to the Feature Description section for additional information regarding the outputs for this device.
www.ti.com
SN74LVC1G34
SCES519O – DECEMBER 2003 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74LVC1G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com