Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G32DBVR.B Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC1G32DBVR.B
Description  SN74LVC1G32 Single 2-Input Positive-OR Gate
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G32DBVR.B Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G32DBVR.B Datasheet HTML 1Page - Texas Instruments SN74LVC1G32DBVR.B Datasheet HTML 2Page - Texas Instruments SN74LVC1G32DBVR.B Datasheet HTML 3Page - Texas Instruments SN74LVC1G32DBVR.B Datasheet HTML 4Page - Texas Instruments SN74LVC1G32DBVR.B Datasheet HTML 5Page - Texas Instruments SN74LVC1G32DBVR.B Datasheet HTML 6Page - Texas Instruments SN74LVC1G32DBVR.B Datasheet HTML 7Page - Texas Instruments SN74LVC1G32DBVR.B Datasheet HTML 8Page - Texas Instruments SN74LVC1G32DBVR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
SN74LVC1G32
SCES219V – APRIL 1999 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: SN74LVC1G32
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ..................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ...................... 6
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics........................................... 7
6.6
Switching Characteristics, CL = 15 pF ...................... 7
6.7
Switching Characteristics, 1.8 V and 2.5V................ 7
6.8
Switching Characteristics, 3.3 V and 5 V.................. 8
6.9
Operating Characteristics.......................................... 8
6.10
Typical Characteristics ............................................ 8
7
Parameter Measurement Information .................. 9
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
8.2
Functional Block Diagram ....................................... 11
8.3
Feature Description................................................. 11
8.4
Device Functional Modes........................................ 11
9
Application and Implementation ........................ 12
9.1
Application Information............................................ 12
9.2
Typical Application ................................................. 12
10
Power Supply Recommendations ..................... 13
11
Layout................................................................... 13
11.1
Layout Guidelines ................................................. 13
11.2
Layout Example .................................................... 13
12
Device and Documentation Support ................. 14
12.1
Community Resources.......................................... 14
12.2
Trademarks ........................................................... 14
12.3
Electrostatic Discharge Caution ............................ 14
12.4
Glossary ................................................................ 14
13
Mechanical, Packaging, and Orderable
Information ........................................................... 14
13.1
Package Option Addendum .................................. 18
4 Revision History
Changes from Revision U (April 2014) to Revision V
Page
•
Added TJ junction temp spec to Abs Max Ratings ................................................................................................................. 5
Changes from Revision T (March 2014) to Revision U
Page
•
Updated Features, Description, and Device Information table............................................................................................... 1
•
Added Pin Functions table. .................................................................................................................................................... 4
•
Added Thermal Information table. ......................................................................................................................................... 6
•
Added Detailed Description section. .................................................................................................................................... 11
•
Added Application and Implementation section. ................................................................................................................. 12
•
Added Layout section. ......................................................................................................................................................... 13
Changes from Revision S (July 2013) to Revision T
Page
•
Updated Features. .................................................................................................................................................................. 1
•
Added Applications. ................................................................................................................................................................ 1
•
Added Device Information table. ............................................................................................................................................ 1
•
Added DPW Package. ........................................................................................................................................................... 4
•
Moved Tstg to Handling Ratings table. .................................................................................................................................... 5
Changes from Revision R (June 2013) to Revision S
Page
•
Added parameter values for –40 to 125°C temperature ratings............................................................................................. 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com