Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G98DBVT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1G98DBVT.B
Description  Configurable Multiple-Function Gate
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G98DBVT.B Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G98DBVT.B Datasheet HTML 1Page - Texas Instruments SN74LVC1G98DBVT.B Datasheet HTML 2Page - Texas Instruments SN74LVC1G98DBVT.B Datasheet HTML 3Page - Texas Instruments SN74LVC1G98DBVT.B Datasheet HTML 4Page - Texas Instruments SN74LVC1G98DBVT.B Datasheet HTML 5Page - Texas Instruments SN74LVC1G98DBVT.B Datasheet HTML 6Page - Texas Instruments SN74LVC1G98DBVT.B Datasheet HTML 7Page - Texas Instruments SN74LVC1G98DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC1G98DBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
In2
3
2
4
6
1
In1
In2
Y
GND
In0
DBV PACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
6
1
In1
In2
Y
GND
In0
3
2
4
6
1
In1
Y
GND
In0
In1
In0
In2
Y
GND
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
6
VCC
VCC
VCC
5
VCC
5
5
5
DRY PACKAGE
(TOP VIEW)
GND
V
CC
ln1
6
5
4
2
3
ln0
Y
ln2
1
ln1
ln0
DSF PACKAGE
(TOP VIEW)
GND
ln2
Y
V
CC
6
5
4
2
3
1
SN74LVC1G98
www.ti.com
SCES417L – DECEMBER 2002 – REVISED DECEMBER 2013
Configurable Multiple-Function Gate
Check for Samples: SN74LVC1G98
1
FEATURES
DESCRIPTION
This configurable multiple-function gate is designed
2
•
Available in the Texas Instruments
for 1.65-V to 5.5-V VCC operation.
NanoFree™ Package
The SN74LVC1G98 device features configurable
•
Supports 5-V VCC Operation
multiple functions. The output state is determined by
•
Inputs Accept Voltages to 5.5 V
eight patterns of 3-bit input. The user can choose the
•
Supports Down Translation to VCC
logic
functions
MUX,
AND,
OR,
NAND,
NOR,
inverter, and noninverter. All inputs can be connected
•
Max tpd of 6.3 ns at 3.3 V
to VCC or GND.
•
Low Power Consumption, 10-µA Max ICC
This device functions as an independent gate, but
•
±24-mA Output Drive at 3.3 V
because of Schmitt action, it may have different input
•
Ioff Supports Live Insertion, Partial-Power-
threshold levels for positive-going (VT+) and negative-
Down Mode, and Back-Drive Protection
going (VT–) signals.
•
Latch-Up Performance Exceeds 100 mA Per
NanoFree™
package
technology
is
a
major
JESD 78, Class II
breakthrough in IC packaging concepts, using the die
•
ESD Protection Exceeds JESD 22
as the package.
–
2000-V Human-Body Model (A114-A)
This device is fully specified for partial-power-down
–
200-V Machine Model (A115-A)
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
–
1000-V Charged-Device Model (C101)
through the device when it is powered down.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G98DBVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98DBVT TI-SN74LVC1G98DBVT Datasheet
408Kb / 16P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98DBVT TI-SN74LVC1G98DBVT Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98DBVT TI1-SN74LVC1G98DBVT Datasheet
1Mb / 25P
Configurable Multiple-Function Gate
SN74LVC1G98DBVTE4 TI-SN74LVC1G98DBVTE4 Datasheet
408Kb / 16P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98DBVTE4 TI-SN74LVC1G98DBVTE4 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74LVC1G98DBVT.B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com