Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1045 Datasheet(PDF) 1 Page - International Rectifier

Part # MBRB1045
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB1045 Datasheet(HTML) 1 Page - International Rectifier

  MBRB1045 Datasheet HTML 1Page - International Rectifier MBRB1045 Datasheet HTML 2Page - International Rectifier MBRB1045 Datasheet HTML 3Page - International Rectifier MBRB1045 Datasheet HTML 4Page - International Rectifier MBRB1045 Datasheet HTML 5Page - International Rectifier MBRB1045 Datasheet HTML 6Page - International Rectifier MBRB1045 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHOTTKY RECTIFIER
10 Amp
MBRB10..PbF Series
Bulletin PD-21042 rev. A 06/06
1
www.irf.com
Major Ratings and Characteristics
I
F(AV) Rectangular waveform
10
A
I
FRM @ TC = 135°C
20
A
V
RRM
35/ 45
V
I
FSM @ tp = 5 μs sine
1060
A
V
F
@ 10 Apk, T
J = 125°C
0.57
V
T
J
range
- 65 to 150
°C
Characteristics
Values
Units
Description/ Features
This Schottky rectifier has been optimized for low reverse
leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150° C junction
temperature. Typical applications are in switching power
supplies, converters, free-wheeling diodes, and reverse
battery protection.
150°C T
J operation
TO-220 and D2Pak packages
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
IF(AV) = 10Amp
VR = 35/ 45V
Case Styles
D2PAK
Anode
1
3
Base
Cathode
2
N/C


Similar Part No. - MBRB1045

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB1045 GE-MBRB1045 Datasheet
71Kb / 2P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBRB1045 GOOD-ARK-MBRB1045 Datasheet
255Kb / 3P
Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB1045 VISHAY-MBRB1045 Datasheet
106Kb / 6P
Schottky Rectifier, 10 A
22-Aug-08
logo
ON Semiconductor
MBRB1045 ONSEMI-MBRB1045 Datasheet
83Kb / 6P
SWITCHMODE Schottky Power Rectifier Surface Mount Power Package
February, 2006 ??Rev. 6
MBRB1045 ONSEMI-MBRB1045 Datasheet
112Kb / 6P
SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 7
More results

Similar Description - MBRB1045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
10BQ030 IRF-10BQ030_02 Datasheet
92Kb / 6P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com