Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1GU04DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1GU04DBVT
Description  SN74LVC1GU04 Single Inverter Gate
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1GU04DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1GU04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
6
SN74LVC1GU04
SCES215Y – APRIL 1999 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: SN74LVC1GU04
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LVC1GU04
UNIT
DBV
(SOT-23)
DCK
(SC70)
DRL
(SOT-5X3)
DRY
(SON)
DSF
(SON)
DPW
(X2SON)
YZV
(DSBGA)
YZP
(DSBGA)
5 PINS
5 PINS
5 PINS
5 PINS
5 PINS
5 PINS
4 PINS
5 PINS
RθJA
Junction-to-ambient
thermal resistance
231.5
276.1
296.2
369.6
410.3
511
168.2
144.4
°C/W
RθJC(top)
Junction-to-case
(top) thermal
resistance
139.4
178.9
137.3
257.6
208.4
241.9
2.1
1.3
°C/W
RθJB
Junction-to-board
thermal resistance
71.1
70.9
145.3
230.8
262.6
374.2
55.9
39.9
°C/W
ψJT
Junction-to-top
characterization
parameter
45.2
47
14.7
77.2
36
45
1.1
0.5
°C/W
ψJB
Junction-to-board
characterization
parameter
70.7
69.3
145.9
231
262.3
373.3
56.3
39.7
°C/W
RθJC(bot)
Junction-to-case
(bottom) thermal
resistance
N/A
N/A
N/A
N/A
N/A
168.0
N/A
N/A
°C/W
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6.5 Electrical Characteristics
over recommended operating free-air temperature range, TA = –40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VOH
High-level output
voltage
VIL = 0 V, IOH = –100 µA, VCC = 1.65 V to 5.5 V
VCC – 0.1
V
VIL = 0 V, IOH = –4 mA, VCC = 1.65 V
1.2
VIL = 0 V, IOH = –8 mA, VCC = 2.3 V
1.9
VIL = 0 V, IOH = –16 mA, VCC = 3 V
2.4
VIL = 0 V, IOH = –24 mA, VCC = 3 V
2.3
VIL = 0 V, IOH = –32 mA, VCC = 4.5 V
3.8
VOL
Low-level output
voltage
VIH = VCC, IOL = 100 µA, VCC = 1.65 V to 5.5 V
0.1
V
VIH = VCC, IOL = 4 mA, VCC = 1.65 V
0.45
VIH = VCC, IOL = 8 mA, VCC = 2.3 V
0.3
VIH = VCC, IOL = 16 mA, VCC = 3 V
0.4
VIH = VCC, IOL = 24 mA, VCC = 3 V
0.55
VIH = VCC, IOL = 32 mA, VCC = 4.5 V
0.55
II
Input leakage current
A Input:
VI = 5.5 V or GND, VCC = 0 V to 5.5 V
±5
μA
ICC
Supply current
VI = 5.5 V or GND, IO = 0, VCC = 1.65 V to 5.5 V
10
μA
CI
Input capacitance
VI = VCC or GND, VCC = 3.3 V, TA = –40°C to 85°C
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com