Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1T45DRLR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC1T45DRLR
Description  SN74LVC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1T45DRLR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1T45DRLR Datasheet HTML 1Page - Texas Instruments SN74LVC1T45DRLR Datasheet HTML 2Page - Texas Instruments SN74LVC1T45DRLR Datasheet HTML 3Page - Texas Instruments SN74LVC1T45DRLR Datasheet HTML 4Page - Texas Instruments SN74LVC1T45DRLR Datasheet HTML 5Page - Texas Instruments SN74LVC1T45DRLR Datasheet HTML 6Page - Texas Instruments SN74LVC1T45DRLR Datasheet HTML 7Page - Texas Instruments SN74LVC1T45DRLR Datasheet HTML 8Page - Texas Instruments SN74LVC1T45DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics.............................................6
5.6 Switching Characteristics (VCCA = 1.8V ± 0.15V)....... 7
5.7 Switching Characteristics (VCCA = 2.5V ± 0.2V)......... 7
5.8 Switching Characteristics (VCCA = 3.3V ± 0.3V)......... 8
5.9 Switching Characteristics (VCCA = 5V ±0.5V)............. 8
5.10 Operating Characteristics......................................... 9
5.11 Typical Characteristics............................................ 10
6 Parameter Measurement Information.......................... 12
7 Detailed Description......................................................13
7.1 Overview................................................................... 13
7.2 Functional Block Diagram......................................... 13
7.3 Feature Description...................................................13
7.4 Device Functional Modes..........................................14
8 Applications and Implementation................................ 15
8.1 Application Information............................................. 15
8.2 Typical Application.................................................... 15
8.3 Power Supply Recommendations.............................17
8.4 Layout....................................................................... 17
9 Device and Documentation Support............................19
9.1 Documentation Support............................................ 19
9.2 Receiving Notification of Documentation Updates....19
9.3 Support Resources................................................... 19
9.4 Trademarks...............................................................19
9.5 Electrostatic Discharge Caution................................19
9.6 Glossary....................................................................19
10 Revision History.......................................................... 19
11 Mechanical, Packaging, and Orderable
Information.................................................................... 20
4 Pin Configuration and Functions
Figure 4-1. DBV Package, 6-Pin SOT-23 (Top View)
Figure 4-2. DCK Package, 6-Pin SC70 (Top View)
Figure 4-3. DRL Package, 6-Pin SOT (Top View)
Figure 4-4. DPK Package, 6-Pin USON (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
DBV, DCK, DRL,
DPK
VCCA
1
P
SYSTEM-1 supply voltage (1.65V to 5.5V)
GND
2
G
Device GND
A
3
I/O
Output level depends on VCC1 voltage.
B
4
I/O
Input threshold value depends on VCC2 voltage.
DIR
5
I
GND (low level) determines B-port to A-port direction.
VCCB
6
P
SYSTEM-2 supply voltage (1.65V to 5.5V)
(1)
P = power, G = ground, I/O = input and output, I = input
SN74LVC1T45
SCES515N – DECEMBER 2003 – REVISED JUNE 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com