Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL331LVDBVR.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TL331LVDBVR.A
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331LVDBVR.A Datasheet(HTML) 2 Page - Texas Instruments

  TL331LVDBVR.A Datasheet HTML 1Page - Texas Instruments TL331LVDBVR.A Datasheet HTML 2Page - Texas Instruments TL331LVDBVR.A Datasheet HTML 3Page - Texas Instruments TL331LVDBVR.A Datasheet HTML 4Page - Texas Instruments TL331LVDBVR.A Datasheet HTML 5Page - Texas Instruments TL331LVDBVR.A Datasheet HTML 6Page - Texas Instruments TL331LVDBVR.A Datasheet HTML 7Page - Texas Instruments TL331LVDBVR.A Datasheet HTML 8Page - Texas Instruments TL331LVDBVR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
4.1 Pin Functions for TL331LV and TL391LV................... 3
4.2 Pin Functions: LM393LV............................................. 4
4.3 Pin Functions: LM339LV............................................. 5
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 ESD Ratings............................................................... 6
5.3 Recommended Operating Conditions.........................6
5.4 Thermal Information for TL3x1LV .............................. 6
5.5 Thermal Information, LM393LV ..................................7
5.6 Thermal Information, LM339LV ..................................7
5.7 Electrical Characteristics, TL3x1LV ........................... 8
5.8 Switching Characteristics, TL3x1LV ...........................9
5.9 Electrical Characteristics, LM393LV ........................ 10
5.10 Switching Characteristics, LM393LV ...................... 11
5.11 Electrical Characteristics, LM339LV .......................12
5.12 Switching Characteristics, LM339LV ......................13
5.13 Typical Characteristics............................................ 14
6 Detailed Description......................................................19
6.1 Overview................................................................... 19
6.2 Functional Block Diagram......................................... 19
6.3 Feature Description...................................................19
6.4 Device Functional Modes..........................................19
7 Application and Implementation.................................. 22
7.1 Application Information............................................. 22
7.2 Typical Applications.................................................. 25
7.3 Power Supply Recommendations.............................32
7.4 Layout....................................................................... 33
8 Device and Documentation Support............................34
8.1 Related Documentation............................................ 34
8.2 Receiving Notification of Documentation Updates....34
8.3 Support Resources................................................... 34
8.4 Trademarks...............................................................34
8.5 Electrostatic Discharge Caution................................34
8.6 Glossary....................................................................34
9 Revision History............................................................ 34
10 Mechanical, Packaging, and Orderable
Information.................................................................... 34
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4D – JUNE 2020 – REVISED NOVEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com