Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS200170TV1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS200170TV1
Description  High voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS200170TV1 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS200170TV1 Datasheet HTML 1Page - STMicroelectronics STPS200170TV1 Datasheet HTML 2Page - STMicroelectronics STPS200170TV1 Datasheet HTML 3Page - STMicroelectronics STPS200170TV1 Datasheet HTML 4Page - STMicroelectronics STPS200170TV1 Datasheet HTML 5Page - STMicroelectronics STPS200170TV1 Datasheet HTML 6Page - STMicroelectronics STPS200170TV1 Datasheet HTML 7Page - STMicroelectronics STPS200170TV1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS200170TV1
4/8
DocID11857 Rev 3
Figure 7: Forward voltage drop versus forward
current (per diode, high level)
Figure 8: Normalized avalanche power derating
versus pulse duration
1
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Tj=25°C
(Maximum values)
Tj=150°C
(Maximum values)
Tj=150°C
(Maximum values)
Tj=150°C
(Typical values)
Tj=150°C
(Typical values)
VFM(V)
IFM(A)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com