Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853014BGLF Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ICS853014BGLF
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853014BGLF Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ICS853014BGLF Datasheet HTML 11Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 12Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 13Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 14Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 15Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 16Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 17Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 18Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
ICS853014
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
IDT™ / ICS™ 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
17
ICS853014BG REV. DNOVEMBER 12, 2007
Ordering Information
Table 8. Ordering Information
NOTE: Parts that are ordered with an “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
ICS853014BG
ICS853014BG
20 Lead TSSOP
Tube
-40
°C to 85°C
ICS853014BGT
ICS853014BG
20 Lead TSSOP
2500 Tape & Reel
-40
°C to 85°C
ICS853014BGLF
ICS853014BGL
“Lead-Free” 20 Lead TSSOP
Tube
-40
°C to 85°C
CS853014BGLFT
ICS853014BGL
“Lead-Free” 20 Lead TSSOP
2500 Tape & Reel
-40
°C to 85°C
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial and industrial applications. Any other applications, such as those requiring high reliability or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT
product for use in life support devices or critical medical instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com