Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM Datasheet(PDF) 5 Page - Applied Motion Products, Inc.

Part # STM
Description  Integrated Steppers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

STM Datasheet(HTML) 5 Page - Applied Motion Products, Inc.

  STM Datasheet HTML 1Page - Applied Motion Products, Inc. STM Datasheet HTML 2Page - Applied Motion Products, Inc. STM Datasheet HTML 3Page - Applied Motion Products, Inc. STM Datasheet HTML 4Page - Applied Motion Products, Inc. STM Datasheet HTML 5Page - Applied Motion Products, Inc. STM Datasheet HTML 6Page - Applied Motion Products, Inc. STM Datasheet HTML 7Page - Applied Motion Products, Inc. STM Datasheet HTML 8Page - Applied Motion Products, Inc. STM Datasheet HTML 9Page - Applied Motion Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
12
Integrated Stepper
STM23
• NEMA 23 frame size
• Torque: up to 210 oz-in
• Input voltage: 12-70 VDC
STM23 Dimensions
Use SiNet Hub Programmer™ software
to develop your sequence of events,
then download them to a SiNet Hub for
a stand-alone system (STM23 only) or
stream serial commands to the drives
from a PC, PLC, HMI, or other host
controller.
MMI Control Option
3rd Party Controller
RS-232
RS-485/422 or CANopen
UP TO
32
AXES:
RS-485
MMI
Each drive connects
to a port on the hub.
or
UP TO
8
AXES
UP TO
4
AXES
RS-232
RS-232
# 1
# 2
# 3
# 4
# 5
Run/Stop (Toggle Switch)
Speed1/Speed2 (Toggle Switch)
Speed (Potentiometer)
GR-Green
RD-RED
GND
B-
B+
A-
A+
V-
V+
AN
1
+5
V
OUT+
OUT-EN-
EN
+
DIR
-
DIR+
STEP-
STEP+
ID 1
ID 2
ID 3
ID 4
ID 5
Error
Codes
POSITION
LIMIT
1 GR
+ 1
RD
CCW
LIMIT
TRIP
1 GR
+ 2
RD
CW
LIMIT
TRIP
2 GR
+ 2
RD
DRIVE
OVER
TEMP
1 GR
+ 3
RD
MOTOR
OVER
TEMP
2 GR
+ 3
RD
VOL
TAGE
HIGH
1 GR
+ 4
RD
VOL
TAGE
LOW
2 GR
+ 4
RD
OVER
CURRENT
1 GR
+ 5
RD
HALL
FAIL
1 GR
+ 6
RD
ENCODER
FAIL
2 GR
+ 6
RD
COMM
ERROR
1 GR
+ 7
RD
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
2 3
1
1920
2122
2324
25
r
e
d
o
c
n
E
s
t
u
p
t
u
O
RS-232/485 or Ethernet
RS485/422
RS485/422
RS485/422
# 1
# 2
# 3
# 4
# 5
UP TO
127
AXES
UP TO
128
AXES:
CANopen
Ethernet Connection
RS-232/485 or Ethernet
Step & Direction
Host Control
Stand-Alone Programmable
Multi-Axis Systems
Oscillator / Run-Stop
MMI Control Option
3rd Party Controller
RS-232
RS-485/422 or CANopen
UP TO
32
AXES:
RS-485
MMI
Each drive connects
to a port on the hub.
or
UP TO
8
AXES
UP TO
4
AXES
RS-232
RS-232
# 1
# 2
# 3
# 4
# 5
Run/Stop (Toggle Switch)
Speed1/Speed2 (Toggle Switch)
Speed (Potentiometer)
GND
B-
B+
A-
A+
V-
V+
AN
1
+5
V
OUT+
OUT-EN-
EN
+
DIR
-
DIR+
STEP-
STEP+
ID 1
ID 2
ID 3
ID 4
ID 5
Error
Codes
POSITION
LIMIT
1 GR
+ 1
RD
CCW
LIMIT
TRIP
1 GR
+ 2
RD
CW
LIMIT
TRIP
2 GR
+ 2
RD
DRIVE
OVER
TEMP
1 GR
+ 3
RD
MOTOR
OVER
TEMP
2 GR
+ 3
RD
VOL
TAGE
HIGH
1 GR
+ 4
RD
VOL
TAGE
LOW
2 GR
+ 4
RD
OVER
CURRENT
1 GR
+ 5
RD
HALL
FAIL
1 GR
+ 6
RD
ENCODER
FAIL
2 GR
+ 6
RD
COMM
ERROR
1 GR
+ 7
RD
r
e
d
o
c
n
E
s
t
u
p
t
u
O
ST5-Q
RS-232/485 or Ethernet
RS485/422
RS485/422
RS485/422
# 1
# 2
# 3
# 4
# 5
UP TO
127
AXES
UP TO
128
AXES:
CANopen
Ethernet Connection
RS-232/485 or Ethernet
Software configuration
Two speeds
Vary speed with analog input
Joystick compatible
RS-232
Accept serial commands from host PC or PLC
MMI Control Option
3rd Party Controller
RS-232
RS-485/422 or CANopen
UP TO
32
AXES:
RS-485
MMI
Each drive connects
to a port on the hub.
or
UP TO
8
AXES
UP TO
4
AXES
RS-232
RS-232
# 1
# 2
# 3
# 4
# 5
Run/Stop (Toggle Switch)
Speed1/Speed2 (Toggle Switch)
Speed (Potentiometer)
DRIVE
OVER
TEMP
1 GR
+ 3
RD
VOL
TAGE
HIGH
1 GR
+ 4
RD
VOL
TAGE
LOW
2 GR
+ 4
RD
OVER
CURRENT
1 GR
+ 5
RD
COMM
ERROR
1 GR
+ 7
RD
GND
B-
B+
A-
A+
V-
V+
AN
1
+5
V
OUT+
OUT-EN-
EN
+
DIR
-
DIR+
STEP-
STEP+
ID 1
ID 2
ID 3
ID 4
ID 5
Error
Codes
Fro
nt V
iew
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
2
3
1
1920
21
22
23
24
25
r
e
d
o
c
n
E
s
t
u
p
t
u
O
IN/OUT
1
ST5-Q
RS-232/485 or Ethernet
RS485/422
RS485/422
RS485/422
# 1
# 2
# 3
# 4
# 5
UP TO
127
AXES
UP TO
128
AXES:
CANopen
Ethernet Connection
RS-232/485 or Ethernet
MMI Control Option
3rd Party Controller
RS-232
RS-485/422 or CANopen
UP TO
32
AXES:
RS-485
MMI
Each drive connects
to a port on the hub.
or
UP TO
8
AXES
UP TO
4
AXES
RS-232
RS-232
# 1
# 2
# 3
# 4
# 5
Run/Stop (Toggle Switch)
Speed1/Speed2 (Toggle Switch)
Speed (Potentiometer)
Error
Codes
GR-Green
RD-RED
DRIVE
OVER
TEMP
1 GR
+ 3
RD
VOL
TAGE
HIGH
1 GR
+ 4
RD
VOL
TAGE
LOW
2 GR
+ 4
RD
OVER
CURRENT
1 GR
+ 5
RD
COMM
ERROR
1 GR
+ 7
RD
GND
B-
B+
A-
A+
V-
V+
AN
1
+5
V
OUT+
OUT-EN-
EN
+
DIR
-
DIR+
STEP-
STEP+
ID 1
ID 2
ID 3
ID 4
ID 5
GR-Green
RD-RED
POSITION
LIMIT
1 GR
+ 1
RD
CCW
LIMIT
TRIP
1 GR
+ 2
RD
CW
LIMIT
TRIP
2 GR
+ 2
RD
DRIVE
OVER
TEMP
1 GR
+ 3
RD
MOTOR
OVER
TEMP
2 GR
+ 3
RD
VOL
TAGE
HIGH
1 GR
+ 4
RD
VOL
TAGE
LOW
2 GR
+ 4
RD
OVER
CURRENT
1 GR
+ 5
RD
HALL
FAIL
1 GR
+ 6
RD
ENCODER
FAIL
2 GR
+ 6
RD
COMM
ERROR
1 GR
+ 7
RD
Fro
nt V
iew
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
2 3
1
1920
2122
2324
25
r
e
d
o
c
n
E
s
t
u
p
t
u
O
ST5-Q
RS-232/485 or Ethernet
RS485/422
RS485/422
RS485/422
# 1
# 2
# 3
# 4
# 5
UP TO
127
AXES
UP TO
128
AXES:
CANopen
Ethernet Connection
RS-232/485 or Ethernet
MMI Control Option
3rd Party Controller
RS-232
RS-485/422 or CANopen
UP TO
32
AXES:
RS-485
MMI
Each drive connects
to a port on the hub.
or
UP TO
8
AXES
UP TO
4
AXES
RS-232
RS-232
# 1
# 2
# 3
# 4
# 5
Run/Stop (Toggle Switch)
Speed1/Speed2 (Toggle Switch)
Speed (Potentiometer)
GR-Green
RD-RED
GND
B-
B+
A-
A+
V-
V+
AN
1
+5
V
OUT+
OUT-EN-
EN
+
DIR
-
DIR+
STEP-
STEP+
ID 1
ID 2
ID 3
ID 4
ID 5
GR-Green
RD-RED
POSITION
LIMIT
1 GR
+ 1
RD
CCW
LIMIT
TRIP
1 GR
+ 2
RD
CW
LIMIT
TRIP
2 GR
+ 2
RD
DRIVE
OVER
TEMP
1 GR
+ 3
RD
MOTOR
OVER
TEMP
2 GR
+ 3
RD
VOL
TAGE
HIGH
1 GR
+ 4
RD
VOL
TAGE
LOW
2 GR
+ 4
RD
OVER
CURRENT
1 GR
+ 5
RD
HALL
FAIL
1 GR
+ 6
RD
ENCODER
FAIL
2 GR
+ 6
RD
COMM
ERROR
1 GR
+ 7
RD
Fro
nt V
iew
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
2 3
1
1920
2122
2324
25
r
e
d
o
c
n
E
s
t
u
p
t
u
O
IN/OUT
1
ST5-Q
RS-232/485 or Ethernet
RS485/422
RS485/422
RS485/422
# 1
# 2
# 3
# 4
# 5
UP TO
127
AXES
UP TO
128
AXES:
CANopen
Ethernet Connection
RS-232/485 or Ethernet
Comprehensive text based language
Download, store & execute programs
High level features: multi-tasking, conditional
programming and math functions
Host interface while executing stored programs
MMI Control Option
3rd Party Controller
RS-232
RS-485/422 or CANopen
UP TO
32
AXES:
RS-485
MMI
Each drive connects
to a port on the hub.
or
UP TO
8
AXES
UP TO
4
AXES
RS-232
RS-232
# 1
# 2
# 3
# 4
# 5
Run/Stop (Toggle Switch)
Speed1/Speed2 (Toggle Switch)
Speed (Potentiometer)
Error
Codes
DRIVE
OVER
TEMP
1 GR
+ 3
RD
VOL
TAGE
HIGH
1 GR
+ 4
RD
VOL
TAGE
LOW
2 GR
+ 4
RD
OVER
CURRENT
1 GR
+ 5
RD
COMM
ERROR
1 GR
+ 7
RD
ID 1
ID 2
ID 3
ID 4
ID 5
r
e
d
o
c
n
E
s
t
u
p
t
u
O
ST5-Q
RS-232/485 or Ethernet
RS485/422
RS485/422
RS485/422
# 1
# 2
# 3
# 4
# 5
UP TO
127
AXES
UP TO
128
AXES:
CANopen
Ethernet Connection
RS-232/485 or Ethernet
Step & direction
CW & CCW pulse
A/B quadrature (master encoder) (S only)
C
IP
C
IP
C
R IP
C
R
C
IP
C
IP
C
R IP
C
R
C
IP
C
IP
C
R IP
C
R
RS-485
Accept serial commands from host PC or PLC
Multi-axis capable, up to 32 axes
C
IP
C
IP
C
R IP
C
R
CANopen Model
Connect to CANopen network
DS301 and DSP402 protocols
C
IP
C
IP
C
R IP
C
R
19.05
2X M3
+0
-.013
Ø 6.35
5.85 FLAT
1.6
4.8
43
“L” (see chart)
20
15
56.4 MAX
47.14
53.2
Model
Length “L”
STM23S/Q/C/IP-2
92.4
STM23S/Q/C/IP-3
114.4
STM23R-2
85
STM23R-3
107
56.4 MAX
47.14
4X Ø 5
28.5
50.9
1.6
4.8
20
75.07
15.9
REF
90.9
15
Ø 38.1±.05
50.8
“L” (see chart)
+0
-.013
Ø 6.35
59.7
31.2
STM23R
STM23S/Q/C/IP
C
IP
C
IP
C
R IP
C
R
C
IP
C
IP
C
R IP
C
R
C
IP
C
IP
C
R IP
C
R
MMI Control Option
3rd Party Controller
RS-232
RS-485/422 or CANopen
UP TO
32
AXES:
RS-485
MMI
Each drive connects
to a port on the hub.
or
UP TO
8
AXES
UP TO
4
AXES
RS-232
RS-232
# 1
# 2
# 3
# 4
# 5
Run/Stop (Toggle Switch)
Speed1/Speed2 (Toggle Switch)
Speed (Potentiometer)
Error
Codes
GR-Green
RD-RED
DRIVE
OVER
TEMP
1 GR
+ 3
RD
VOL
TAGE
HIGH
1 GR
+ 4
RD
VOL
TAGE
LOW
2 GR
+ 4
RD
OVER
CURRENT
1 GR
+ 5
RD
COMM
ERROR
1 GR
+ 7
RD
GND
B-
B+
A-
A+
V-
V+
AN
1
+5
V
OUT+
OUT-EN-
EN
+
DIR
-
DIR+
STEP-
STEP+
ID 1
ID 2
ID 3
ID 4
ID 5
GR-Green
RD-RED
POSITION
LIMIT
1 GR
+ 1
RD
CCW
LIMIT
TRIP
1 GR
+ 2
RD
CW
LIMIT
TRIP
2 GR
+ 2
RD
DRIVE
OVER
TEMP
1 GR
+ 3
RD
MOTOR
OVER
TEMP
2 GR
+ 3
RD
VOL
TAGE
HIGH
1 GR
+ 4
RD
VOL
TAGE
LOW
2 GR
+ 4
RD
OVER
CURRENT
1 GR
+ 5
RD
HALL
FAIL
1 GR
+ 6
RD
ENCODER
FAIL
2 GR
+ 6
RD
COMM
ERROR
1 GR
+ 7
RD
Fro
nt V
iew
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
2 3
1
1920
2122
2324
25
r
e
d
o
c
n
E
s
t
u
p
t
u
O
ST5-Q
RS-232/485 or Ethernet
RS485/422
RS485/422
RS485/422
# 1
# 2
# 3
# 4
# 5
UP TO
127
AXES
UP TO
128
AXES:
CANopen
Ethernet Connection
RS-232/485 or Ethernet
C
IP
C
IP
C
R IP
C
R
Accepts streaming commands from
host PC or PLC
1000’s of axes with Ethernet and
EtherNet/IP
C
IP
C
IP
C
R IP
C
R
Dimensions in mm, not to scale
*rear shaft is only present on –ND and –NE versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com