Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2148 Datasheet(PDF) 1 Page - VISATON GmbH & Co. KG

Part # 2148
Description  FR 8 WP - 4 Ohm (white)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG

2148 Datasheet(HTML) 1 Page - VISATON GmbH & Co. KG

  2148 Datasheet HTML 1Page - VISATON GmbH & Co. KG 2148 Datasheet HTML 2Page - VISATON GmbH & Co. KG 2148 Datasheet HTML 3Page - VISATON GmbH & Co. KG 2148 Datasheet HTML 4Page - VISATON GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR 8 WP - 4 Ohm (white)
Saltwater resistant 8 cm (3.3") full-range speaker with moulded plastic cone, plastic basket
and grille. Absolutely corrosion-resistant and waterproof due to encased magnet and silicon-
coated leads. Clear-cut high-range output.
Typical applications:
- Outdoor PA systems
- Loudspeaker for solariums and damp locations
- Boats, ships and open vehicles
Attributes:
- seawater proof
- functionally at low temperature according to EN 60068-2-1 (-40 °C; 96 h)
- up to the standards of the Germanischer Lloyd (requirements for electrical equipment / low
temperature)
- Plastic: ASA (UL 94:HB; UV-/weather-proof)
- ball-resistant
*) IP protection class for front side when built into a sealed enclosure


Similar Part No. - 2148

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2148 ALPHAWIRE-2148 Datasheet
96Kb / 3P
Customer Specification
9/14/2022
logo
Heyco.
2148 HEYCO-2148 Datasheet
155Kb / 1P
Metric Snap Bushings
logo
CEE Norm UK Ltd
2148 CEENORM-2148 Datasheet
419Kb / 2P
Plugs
logo
Aavid, Thermal Division...
21480DGREVD AAVID-21480DGREVD Datasheet
57Kb / 2P
Product Change Notification
August 23, 2005
logo
ERNI Electronics
214836 ERNI-214836 Datasheet
118Kb / 1P
Fem. Connector C 96 Solder
More results

Similar Description - 2148

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9009ZH GENERAL-C9009ZH Datasheet
172Kb / 1P
2C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9010ZH GENERAL-C9010ZH Datasheet
172Kb / 1P
3C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9011ZH GENERAL-C9011ZH Datasheet
172Kb / 1P
4C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9012ZH GENERAL-C9012ZH Datasheet
172Kb / 1P
6C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9013ZH GENERAL-C9013ZH Datasheet
172Kb / 1P
8C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9014ZH GENERAL-C9014ZH Datasheet
172Kb / 1P
10C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9015ZH GENERAL-C9015ZH Datasheet
172Kb / 1P
15C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
logo
PHOENIX CONTACT
2913425 PHOENIX-2913425 Datasheet
90Kb / 2P
WP 10T/701900
logo
Weidmuller
2583490000 WEIDMULLER-2583490000 Datasheet
280Kb / 3P
CABTITE FR 4-1 BK
2583470000 WEIDMULLER-2583470000 Datasheet
325Kb / 3P
CABTITE FR 16/8 BK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com