Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D45C12 Datasheet(PDF) 2 Page - ON Semiconductor

Part # D45C12
Description  Complementary Silicon Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

D45C12 Datasheet(HTML) 2 Page - ON Semiconductor

  D45C12 Datasheet HTML 1Page - ON Semiconductor D45C12 Datasheet HTML 2Page - ON Semiconductor D45C12 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D45C12 (PNP), D44C12 (NPN)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
DC Current Gain
(VCE = 1.0 Vdc, IC = 0.2 Adc)
(VCE = 1.0 Vdc, IC = 1.0 Adc)
(VCE = 1.0 Vdc, IC = 2.0 Adc)
hFE
40
20
20
120
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector Cutoff Current (VCE = Rated VCES, VBE = 0)
ICES
0.1
mA
Emitter Cutoff Current (VEB = 5.0 Vdc)
IEBO
10
mA
ON CHARACTERISTICS
Collector−Emitter Saturation Voltage (IC = 1.0 Adc, IB = 50 mAdc)
VCE(sat)
0.135
0.5
Vdc
Base−Emitter Saturation Voltage (IC = 1.0 Adc, IB = 100 mAdc)
VBE(sat)
0.85
1.3
Vdc
DYNAMIC CHARACTERISTICS
Collector Capacitance (VCB = 10 Vdc, f = 1.0 MHz)
Ccb
125
pF
Gain Bandwidth Product (IC = 20 mA, VCE = 4.0 Vdc, f = 20 MHz)
fT
40
MHz
SWITCHING TIMES
Delay and Rise Times (IC = 1.0 Adc, IB1 = 0.1 Adc)
td + tr
50
75
ns
Storage Time (IC = 1.0 Adc, IB1 = IB2 = 0.1 Adc)
ts
350
550
ns
Fall Time (IC = 1.0 Adc, IB1 = IB2 = 0.1 Adc)
tf
50
75
ns
ORDERING INFORMATION
Device
Package
Shipping†
D45C12
TO−220AB
50 Units / Rail
D45C12G
TO−220AB
(Pb−Free)
D44C12
TO−220AB
D44C12G
TO−220AB
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
200
0.04
Figure 1. Typical DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
20
0.07 0.1
0.2
0.3
1.0
2.0
4.0
70
50
40
30
80
60
0.4
0.7
100
VCE = 1.0 Vdc
TJ = 25°C
1.0
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
1.0
0.01
dc
1.0
ms
2.0
0.1 ms
10
20
100
0.2
5.0
TC ≤ 70°C
DUTY CYCLE
≤ 50%
Figure 2. Maximum Rated Forward Bias
Safe Operating Area
90
3.0
1.0 ms
10
ms
0.02
0.03
0.05
0.3
0.1
0.5
2.0
3.0
5.0
3.0
7.0
30
50
70



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com