Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCT2120AF Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # SCT2120AF
Description  SiC N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SCT2120AF Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  SCT2120AF Datasheet HTML 1Page - Inchange Semiconductor Company Limited SCT2120AF Datasheet HTML 2Page - Inchange Semiconductor Company Limited SCT2120AF Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCF8112
eq SCT2120AF
SiC N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V, ID= 1mA
650
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = 10V, ID = 3.3mA
2.5
2.8
4.5
V
RDS(on)
Drain-Source On-stage Resistance
VGS= 18V, ID=10A
--
130
190
mΩ
IGSS
Gate Source Leakage Current
VGS= -6/+22V, VDS= 0V
--
--
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 650V, VGS = 0V
--
1
10
μA
RG
Gate Resistance
f = 1.0MHz
--
5.0
--
Ω
Ciss
Input Capacitance
VGS = 0V,
VDS = 500V,
f = 1.0MHz,
VAC=25mV
--
620
--
pF
Coss
Output Capacitance
--
60
--
Crss
Reverse Transfer Capacitance
--
12
--
Qg
Total Gate Charge
VDD=300V,
ID= 10A,
VGS= 18V
--
29
--
nC
Qgs
Gate-Source Charge
--
11
--
Qgd
Gate-Drain Charge
--
18
--
td(on)
Turn-on Delay Time
VGS= 18/0V
ID= 10A,
VDS= 300V,
Rg=0Ω,
L=500uH,
inductive load
--
22
--
ns
tr
Turn-on Rise Time
--
31
--
td(off)
Turn-off Delay Time
--
60
--
tf
Turn-off Fall Time
--
19
--
SOURCE-DRAIN BODY DIODE CHARACTERISTICS
Drain - Source Body Diode Characteristics
VSD
Diode Forward Voltage
ISD= 10A, VGS= 0V
--
4.3
--
V
trr
Reverse Recovery Time
ISD = 10 A,
VR = 400V
dif/dt=160 A/µs
--
23
--
ns
Qrr
Reverse Recovery Charge
--
48
--
nC
Irrm
Peak Reverse Recovery Current
--
3
--
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com