Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLPA005 Datasheet(PDF) 10 Page - Texas Instruments

Part # SLPA005
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLPA005 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLPA005 Datasheet HTML 6Page - Texas Instruments SLPA005 Datasheet HTML 7Page - Texas Instruments SLPA005 Datasheet HTML 8Page - Texas Instruments SLPA005 Datasheet HTML 9Page - Texas Instruments SLPA005 Datasheet HTML 10Page - Texas Instruments SLPA005 Datasheet HTML 11Page - Texas Instruments SLPA005 Datasheet HTML 12Page - Texas Instruments SLPA005 Datasheet HTML 13Page - Texas Instruments SLPA005 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
UCD7232
SLUSAH3
– MAY 2011
www.ti.com
Assuming VGG = 6.2V and Fsw = 500kHz, a typical Qg for a low-side FET is 50nC. A typical high-side FET Qg is
13nC. This combination creates an IGATE_AVE of 31.5mA. If the switching frequency was doubled, the current
draw would double to 63mA. If VIN = 12V and the internal VGG linear regulator is being used, the power
dissipation in the VGG regulator, for this case, at 500kHz operation, is 183mW. At 1MHz, it increases to 365mW.
Keep in mind that this is not the total power dissipation of the driver, only the portion dissipated in the VGG
regulator. Good thermal layout techniques are required for this device.
VGG DIS
This pin, when asserted high, disables the on-chip VGG linear regulator. When tied low, the VGG linear regulator is
used to derive VGG from VIN. This pin is designed to be permanently tied high or low depending on the power
architecture being implemented. It is not intended to be switched dynamically while the device is in operation.
SW
The SW pin connects to the switching node of the power conversion stage. It acts as the return path for the
high-side gate driver. When configured as a synchronous buck stage, the voltage swing on SW normally
traverses from below ground to well above VIN. A power Schottky diode should be connected from this pin to
PGND to clamp the negative voltage swing on this pin to less than 1V. A series 1
Ω resistor connects this pin to
the actual switching node. It acts as a current limiting resistor when the Schottky diode is clamping negative
voltage swings. The diode should be rated for at least 0.5A of current and exhibit a breakdown voltage of at least
30V. Small-signal Schottky diodes should not be used.
Parasitic inductance in the high-side FET and the output capacitance (Coss) of both power FETs form a resonant
circuit that can produce high frequency (
>100MHz) ringing on this node. The voltage peak of this ringing, if not
controlled, can exceed twice VIN. Care must be taken to not allow the peak ringing amplitude to exceed twice the
value of the input voltage, even if that voltage amplitude is within the Absolute Maximum rating limit for the pin. In
many cases, a series resistor and capacitor snubber network connected from the switching node to PGND can
be helpful in damping the ringing and decreasing the peak amplitude. It is recommended that provisions for
snubber network components be provided during the layout of the printed circuit board. If testing reveals that the
ringing amplitude at the SW pin exceeds twice VIN, then the snubber components need to be populated.
BST
The BST pin provides the drive voltage for the high-side FET. A bootstrap capacitor is connected from this pin to
the SW node. Internally, a diode connects the BST pin to the VGG supply. In normal operation, when the
high-side FET is off and the low-side FET is on, the SW node is pulled to ground and, thus, holds one side of the
bootstrap capacitor at ground potential. The other side of the bootstrap capacitor is clamped by the internal diode
to VGG. The voltage across the bootstrap capacitor at this point is the magnitude of the gate drive voltage
available to switch-on the high-side FET. The bootstrap capacitor should be a low ESR ceramic type, with a
recommended minimum value of 0.22
µF. A minimum voltage rating of 16V or higher is recommended.
HS GATE
The HS Gate signal directly drives the gate of the high-side power FET. It provides high current drive to charge
the gate capacitance of the FET rapidly to insure that it makes the transition from off to on as quickly as possible
to minimize switching losses. When commanded on, the HS Gate is driven to the BST pin potential. As the FET
begins to turn on, the SW will quickly rise to the VIN potential. This voltage swing is coupled by the bootstrap
capacitor to the BST pin. The net result is that the BST pin voltage, and thus the HS Gate voltage, is always
equal to VSW + VGG. As the FET gate charges, the current return path for the driver is provided by the SW pin.
When the HS Gate is commanded off, the driver pulls the pin to the SW potential. As the FET turns off, the SW
pin will swing quickly to slightly below ground. Once again, this voltage swing is coupled to the BST pin by the
bootstrap cap. The HS Gate circuitry is referenced to the SW pin and floats with the SW signal swing. The
circuitry loop from the HS Gate pin to the gate of the FET and from the source of the high-side FET to the SW
pin should kept as small and tight as possible to limit stray inductance. Likewise, the loop from the BST pin to the
bootstrap capacitor and back to the SW pin should be kept small and tight.
10
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com