Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3110-MFS Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # 3110-MFS
Description  Hard Seat & Soft Seat
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

3110-MFS Datasheet(HTML) 2 Page - NOSHOK, INC.

  3110-MFS Datasheet HTML 1Page - NOSHOK, INC. 3110-MFS Datasheet HTML 2Page - NOSHOK, INC. 3110-MFS Datasheet HTML 3Page - NOSHOK, INC. 3110-MFS Datasheet HTML 4Page - NOSHOK, INC. 3110-MFS Datasheet HTML 5Page - NOSHOK, INC. 3110-MFS Datasheet HTML 6Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
99
Series.................................................... 3-valve
Seat.....................................................Soft seat
Process type....................Differential pressure
Connection.......... 1/2" NPT standard or flange
Valve type........................Flange-female, Steel
3 1 1 0 – MFC
EXAMPLE
3010/3110
3010/3110 SERIES
To meet all of your specific application requirements, the following additional options are available for these manifold valves. To order all or any of these
options, simply add them to the part number as shown in the diagram below.
NOTE 1: The example shown includes ALL possible additional options. Please include ONLY the options required for your application when
building your part number. (EXAMPLE: 3110-MFC-P1)
NOTE 2: When a packing option is selected, an o-ring option is NOT available.
NOTE 3: The standard o-ring in all the NOSHOK manifold valves is FKM and T1 hard non-rotating (316SS standard) stem tip is the only option available
on the 3110 Series soft seat version.
* Other o-ring materials available on request.
** For 3010 only.
Please note that the standard o-ring in all the NOSHOK valves is FKM and the standard handles are “T” handles (HL2).
The handle material will always match the material of the valve, unless otherwise specified. For example, the “T” handle (HL2) on the 3110-MFC
will be Steel. When only the standard configuration is needed, no additional designations are necessary. Please consult the factory for special
application requests.
Series......................................................................... 3-valve
Seat..........................................................................Soft seat
Process type.........................................Differential pressure
Connection............................... 1/2" NPT standard or flange
Valve type.............................................Flange-female, Steel
Soft seat ...................................................................... PEEK
Packing.........................................................................PTFE
Stem tip .............................................................Non-rotating
3 1 1 0 – MFC – PK1 – P1 – T1
EXAMPLE with Additional Options
ORDERING
INFORMATION
† If a packing option is chosen, maximum pressure rating is 6,000 psi. Refer to the "Pressure vs. Temperature: Packing Style with Compatible Fluid" chart at
the back of this catalog.
SERIES
3 3-valve
SEATS
0 Hard seat
1 Soft seat
PROCESS TYPE
1 Differential pressure
CONNECTION
0 1/2" NPT standard or flange
VALVE TYPES
MFC Flange-Female, Steel
MFS Flange-Female, Stainless Steel
MMC Flange-Flange, Steel
FFC Female-Female, Steel
FFS Female-Female, Stainless Steel
MMS Flange-Flange, Stainless Steel
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
ORDERING INFORMATION - ADDITIONAL OPTIONS
SOFT SEATS***
PK1 PEEK
KF1 PCTFE
PACKINGS†
P1 PTFE
P2 Graphite**
STEM TIPS
T1 Non-rotating (316 Stainless)
T6 Ball (carbide)**
T8 Ball (Monel)**
T5 Ball (440C Stainless)**
T7 Ball (ceramic)**
T9 Non-rotating regulating (316 Stainless)**
O-RINGS*
EM1 EPDM
KZ1 FFKM (Kalrez® 3018 or equivalent)
NB1 NBR
HANDLES
HL1 1-13/16" Mini “T”
HL4 1-3/8" Phenolic
HL3 1" Round knurled
HL5 1-3/4" Phenolic
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com