Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1T70-D540 Datasheet(PDF) 3 Page - STMicroelectronics

Part # GS1T70-D540
Description  ISDN DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS1T70-D540 Datasheet(HTML) 3 Page - STMicroelectronics

  GS1T70-D540 Datasheet HTML 1Page - STMicroelectronics GS1T70-D540 Datasheet HTML 2Page - STMicroelectronics GS1T70-D540 Datasheet HTML 3Page - STMicroelectronics GS1T70-D540 Datasheet HTML 4Page - STMicroelectronics GS1T70-D540 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
20 January 1997
50.8 (2.00)
21.59 (0.85)
19.05 (0.75)
18.0 (0.71)
50.8
(2.00)
1
2
3
4
5
6
5.08 (0.2)
5.08 (0.2)
10.16 (0.4)
10.16 (0.4)
7.62 (0.3)
1.27
(0.05)
Bottom view
3.0 (1.18)
O 1 (0.04)
Package V. Dimensions in mm (inches).
Figure 1. Connection diagram and mechanical data
3/5
Pin
Description
1
Input (either polarity)
2
Input (either polarity)
3
+5V Output
4
Return for +5V Output
5
+40V Output
6
Return for +40 V Output
GALVANIC INSULATION
Galvanic insulation (3000 V for 60 s as specified in
EN60950) is provided between the input and the
output 1 (40 V output for the "S" interface).
No insulation is provided between input and output
2 (+5 V for logics put on NT1 board). See figure 2.
PIN DESCRIPTION
out 1
5V
out 2
40V
INPUT
Galvanic
insulation
barrier
3000 V RMS
Figure 2. Galvanic insulation barrier
GS1T70-D540/2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com