Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-RCHN-XXXRS Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # FM-RCHN-XXXRS
Description  FM REMOTE CONTROL SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RCHN-XXXRS Datasheet(HTML) 1 Page - rfsolutions.ltd

  FM-RCHN-XXXRS Datasheet HTML 1Page - rfsolutions.ltd FM-RCHN-XXXRS Datasheet HTML 2Page - rfsolutions.ltd FM-RCHN-XXXRS Datasheet HTML 3Page - rfsolutions.ltd FM-RCHN-XXXRS Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS000032 Rev 1.5
July ‘99
©1999 REG No 277 4001, ENGLAND.
Page 1
FM REMOTE CONTROL SYSTEM.
FM-RCHN-XXXRS
FEATURES
COMPLETE REMOTE CONTROL SYSTEM
IP64 RATED DEC ENCLOSURE.
MINIMAL INSTALLATION VIA SCREW TERMINALS.
240Vac OR 12Vdc SUPPLY.
UP TO 4 CHANNELS.
LED INDICATION OF TRANSMISSION.
LED INDICATION OF EACH OUTPUT CHANNEL.
3 MOMENTARY 2 TOGGLED OUTPUTS
1 PROGRAMMABLE TIMED OUTPUTS (10secs-5mins).
RELAY CONTACTS 5A@ 240Vac.
REQUIRES NO RADIO LICENCE.
RANGE UP TO 200 METRES
HIGH SECURITY PROTOCOL.
IP64 RATED ENCLOSURE
CAN BE USED WITH FM-ECA AUTO Tx.
DESCRIPTION
The FM-RCHn-XXXRS is a complete remote control system supplied ready to operate. Installation requires
connections to be made only to the power supply which can be 240Vac or 12Vdc.
Available in options of 1 - 4 channels. It provides 5A rated relays at 240Vac with either momentary or latching
operation. The system incorporates a highly secure ‘code hopping’ transmission protocol to prevent grabbing
and scanning of the data.
The outputs may be programmed to operate in latching or momentary mode. (there is a maximum of two
latching or three momentary outputs). A timed output feature is also available on output four.
The system has a range of up to 200 metres in direct line of sight, and requires minimal installation. The
decoder has an easy learn feature which enables it to learn the ‘signature code’ of individual
transmitter/encoders switches.(These are memorised even if the power is removed).
The decoder may also be used in conjunction with the FM-ECAC auto transmitting encoder. (RS Stock code
226-3398)
The system is supplied ready to operate with the remote transmitter/encoder. The decoder is supplied in an
IP64 rated enclosure.
BLOCK DIAGRAM
R
RE
EC
CE
EIIV
VE
ER
R
D
DE
EC
CO
OD
DE
ER
R
T
TR
RA
AN
NS
SM
MIIT
TT
TE
ER
R
E
EN
NC
CO
OD
DE
ER
R
R
RE
EL
LA
AY
Y
O
OU
UT
TP
PU
UT
TS
S
((C
CO
OM
M,,
N
NO
O,, N
NC
C))
S
SU
UP
PP
PL
LY
Y
2
24
40
0V
Va
ac
c
o
orr 1
12
2V
V D
DC
C
((R
RL
LY
Y 3
3))
R
RL
LY
Y 1
1
((R
RL
LY
Y 2
2))
((R
RL
LY
Y 4
4))


Similar Part No. - FM-RCHN-XXXRS

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FM-RFT3-315 RFSOLUTIONS-FM-RFT3-315 Datasheet
732Kb / 3P
FM SIL TRANSMITTER MODULE
FM-RFT3-433 RFSOLUTIONS-FM-RFT3-433 Datasheet
732Kb / 3P
FM SIL TRANSMITTER MODULE
FM-RRF1 RFSOLUTIONS-FM-RRF1 Datasheet
745Kb / 3P
FM SIL RECEIVER MODULE
FM-RRF1-315A RFSOLUTIONS-FM-RRF1-315A Datasheet
745Kb / 3P
FM SIL RECEIVER MODULE
FM-RRF1-315B RFSOLUTIONS-FM-RRF1-315B Datasheet
745Kb / 3P
FM SIL RECEIVER MODULE
More results

Similar Description - FM-RCHN-XXXRS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1863 AIC-AIC1863 Datasheet
112Kb / 8P
IR Preamplifier for Remote Control System
logo
List of Unclassifed Man...
SAF1032 ETC-SAF1032 Datasheet
614Kb / 14P
REMOTE CONTROL SYSTEM FOR INFRARED OPERATION
logo
SHANGHAI BELLING CO., L...
BL50436 BELLING-BL50436 Datasheet
56Kb / 2P
Color TV Remote Control System
logo
New Japan Radio
NJM2295A NJRC-NJM2295A_1 Datasheet
148Kb / 6P
FM IF IC FOR REMOTE KEYLESS ENTRY SYSTEM
NJM2295AV-TE1 NJRC-NJM2295AV-TE1 Datasheet
148Kb / 6P
FM IF IC FOR REMOTE KEYLESS ENTRY SYSTEM
logo
rfsolutions.ltd
QUANTAFOB RFSOLUTIONS-QUANTAFOB Datasheet
2Mb / 8P
Remote Control System
logo
Maxim Integrated Produc...
MAXQ617 MAXIM-MAXQ617 Datasheet
943Kb / 29P
Infrared Remote Control System-on-Chip
Rev 0; 12/13
MAXQ616 MAXIM-MAXQ616 Datasheet
41Kb / 2P
Infrared Remote Control System-on-Chip
logo
rfsolutions.ltd
EZTEXT RFSOLUTIONS-EZTEXT Datasheet
1Mb / 9P
GSM Remote Control System
HORNET RFSOLUTIONS-HORNET_V01 Datasheet
1Mb / 7P
Remote Control System
2006/66/EC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com