Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-RTFQ1-868 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # FM-RTFQ1-868
Description  FM TRANSMITTER & RECEIVER HYBRID MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTFQ1-868 Datasheet(HTML) 6 Page - rfsolutions.ltd

  FM-RTFQ1-868 Datasheet HTML 1Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 2Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 3Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 4Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 5Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS069-8 Aug 07
©2007 Reg. No. 227 4001, England
Page 6
FM TRANSMITTER & RECEIVER
HYBRID MODULES.
FM-RTFQ SERIES
FM-RRFQ SERIES
Typical Application
The following circuits show a remote control system with ‘self learning feature’. Please refer to datasheet
DS600 for more information.
For more information or general enquiries, please contact:
RF Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes, E Sussex, BN8 6JL. England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email: sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association
All Trademarks acknowledged and remain the property of the respected owners
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such
information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
A0
A1
A2
A3
GND
DATA
LED
Vcc
1
2
3
4
5
6
7
8
RF600E
3.3V
Antenna
1
2
3
6
5
4
3.3V
Vcc
GND
GND
RTFQ1-XXX
EN
IN
ANT
SW1-4
Transmitter Circuit
2K2
10K
BC848
FM -RRFQ1
Receiver Circuit
1 2 3
11
15
7
5
7
9
4
3
RF600D
17
14
13
12
11
10
2
1
18
OP3
OP4
GND
ECLK
IN
OP1
Vcc
Sleep
LKIN
SD1
LRN
OP2
LB
Vcc
1KΩ
Ω
Ω
Ω
1KΩ
Ω
Ω
Ω
Learn
Switch
Option
Link
Serial Data
Output
Vcc
O/P 1
O/P 2
O/P 3
O/P 4
Transmitter
Low Battery
Status
LED
22KΩ
Ω
Ω
Ω
L
M
15KΩ
Ω
Ω
Ω
Vcc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com