Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1T70-D540F Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS1T70-D540F
Description  ISDN DC-DC CONVERTER FRENCH VERSION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS1T70-D540F Datasheet(HTML) 1 Page - STMicroelectronics

  GS1T70-D540F Datasheet HTML 1Page - STMicroelectronics GS1T70-D540F Datasheet HTML 2Page - STMicroelectronics GS1T70-D540F Datasheet HTML 3Page - STMicroelectronics GS1T70-D540F Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GS1T70-D540F
ISDN DC-DC CONVERTER (FRENCH VERSION)
June 1994
1/4
Type
Vi
Vo
Io
GS1T70-D540F
25 to 115 V
5 V
90 mA
40 V
10,5 mA
FEATURES
Wide operating line termination battery voltage
Peak input overvoltage with stand: 1kV for
1.2/50
µs
Peak overvoltage withstand on Output 2 (40V):
250V for 10/700
µs
Positive or negative input voltage polarity
Input and output filtering
Short-circuit protection on both outputs
Input power during shortcircuit within specifica-
tion
Minimum current drain during stand-by condition:
10
µA for Vi<18V
Undervoltage lock out at 10V
Input-output isolation voltage: 10 kV pulse 1,2/50
µseconds
Output1-output2isolation voltage: 2000VRMS for
60 seconds
Mechanical dimensions (L x W x H): 56 mm x 56
mm x 18 mm (2.2” x 2.2” x 0.71”)
DESCRIPTION
The GS1T70-D540F converter has been designed
for the “U” interface of an ISDN-NTBA (Network
Termination Basic Access) system with either 4B3T
or 2B1Q standard trasmission.
It meets the requirements of the following specifi-
cations:
EN 60950
CCITT I.430
CCITT G.960
CCITT G.961
ETS 300 002
ETS 300 012
ETS 300 047 (ISDN BASIC ACCESS, Safety and
Protection)
Two isolated outputs, 5V/90mA and 40V/10.5mA
are supplied. The converter offers short-circuit pro-
tection (short-circuit on 40V output doesn’t affect
5V output and the input power never exceeds the
limit of the specification), input either voltage polar-
ity, 80% minimum efficiency at maximum load, input
and output filtering to meet very stringent noise
requirements.
The input and the output 2 (40V) stages are pro-
tected against differential overvoltage up to 1kV
(1.2/50
µs) and 250V (10/700µs) respectively.
When the input voltage is below 18V, the converter
offers a very high input impedance and a maximum
quiescent current of 10
µA.
These features allow the converter to operate di-
rectly connected to the telephone line without any
external components.
In addition, the wide operating input voltage range
allows it to operate within the whole range of LT
(Line Termination) battery voltage and its relevant
line resistance.
2000VRMS isolation voltage for 60 second is pro-
vided between input to outputs and between output
1 and output 2.


Similar Part No. - GS1T70-D540F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T70-D540 STMICROELECTRONICS-GS1T70-D540 Datasheet
72Kb / 5P
ISDN DC-DC CONVERTER
20-Jan-1997
More results

Similar Description - GS1T70-D540F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T70-D540 STMICROELECTRONICS-GS1T70-D540 Datasheet
72Kb / 5P
ISDN DC-DC CONVERTER
20-Jan-1997
GS5AC-40 STMICROELECTRONICS-GS5AC-40 Datasheet
65Kb / 4P
ISDN AC-DC CONVERTER
20-Jan-1997
logo
Siemens Semiconductor G...
PEB2023 SIEMENS-PEB2023 Datasheet
145Kb / 25P
ISDN DC Converter Circuit IDCC
logo
Filtran LTD
TEP5606 FILTRAN-TEP5606 Datasheet
24Kb / 1P
ISDN DC/DC Converter Transformer
TEP5844 FILTRAN-TEP5844 Datasheet
25Kb / 1P
ISDN DC/DC Converter Transformer
logo
EPCOS
B78310P1623A005 EPCOS-B78310P1623A005 Datasheet
60Kb / 2P
ISDN Transformers DC/DC Converter
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com