Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-RX2-418A-5V Datasheet(PDF) 9 Page - rfsolutions.ltd

Part # FM-RX2-418A-5V
Description  FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RX2-418A-5V Datasheet(HTML) 9 Page - rfsolutions.ltd

  FM-RX2-418A-5V Datasheet HTML 1Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 2Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 3Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 4Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 5Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 6Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 7Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 8Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DS000022
Rev D
July ‘99
©1999 REG No 277 4001, ENGLAND.
Page 9
FM TRANSMITTER & RECEIVER
FM-TX2-XXX
MODULES. (2ND GENERATION)
FM-RX2-XXX
Variants and Ordering information
The TX2 transmitter and RX2 receiver are manufactured in several variants
Frequencies
418.00 MHz for UK use
433.92 MHz for European use
Supply voltage 5V
( 4V to 6V TX2 & RX2)
3V
( 3V to 4V for RX2, 2.2V to 4V for TX2)
RX data rate:
-A, 7kHz baseband BW, slow data upto 14kbps
-F, 20kHz baseband BW, fast data upto 40kbps
RX data rate applies to receivers only, the TX2 will handle fast or slow data.
PART No
DESCRIPTION
FM-TX2-418-5V
Transmitter 418MHz 5 Volt Operation -6dBm
FM-TX2-418-3V
Transmitter 418MHz 3 Volt Operation -6dBm
FM-TX2-433-5V
Transmitter 433MHz 5 Volt Operation +9dBm
FM-TX2-433-3V
Transmitter 433MHz 3 Volt Operation +9dBm
FM-RX2-418A-5V
Receiver, 418MHz 5 Volt Operation 14kbps
FM-RX2-418F-5V
Receiver, 418MHz 5 Volt Operation. Fast Version 40kbps
FM-RX2-433A-5V
Receiver, 433MHz 5 Volt Operation 14kbps
FM-RX2-433F-5V
Receiver, 433MHz 5 Volt Operation. Fast Version 40kbps
FM-RX2-418A-3V
Receiver, 418MHz 3 Volt Operation 14kbps
FM-RX2-418F-3V
Receiver, 418MHz 3 Volt Operation. Fast Version 40kbps
FM-RX2-433A-3V
Receiver, 433MHz 3 Volt Operation 14kbps
FM-RX2-433F-3V
Receiver, 433MHz 3 Volt Operation. Fast Version 40kbps
Should you require further assistance, please call;
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street,
Lewes,
E Sussex, BN8 6JL. England.
Tel +44 (0)1273 898 000. Fax +44 (0)1273 480 661.
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association.
RF module data appears courtesy of Radiometrix Ltd, Middlesex, England.
Limitation of Liability
The information furnished by RF Solutions Ltd. is believed to be accurate and reliable. RF Solutions Ltd reserves the right to make changes or improvements in the design,
specification or manufacture of its sub-assembly products without notice. RF Solutions Ltd does not assume any liability arising from the application or use of any product
or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. This data sheet neither states
nor implies warranty of any kind, including fitness for any particular application. These radio devices may be subject to radio interference and may not function as intended
if interference is present. We do NOT recommend their use for life critical applications.
Radio and EMC Regulations
The Intrastat commodity code for all our modules is : 8542 4090. The purchaser of R
RF
F S
So
ollu
uttiio
on
nss L
Lttd
d sub-assemblies must satisfy all relevant EMC and Radio regulations
which applies to the finished products in the country of use.
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com