Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS512 Datasheet(PDF) 13 Page - Microchip Technology

Part # HCS512
Description  KEELOQ짰 Code Hopping Decoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCS512_02 Datasheet HTML 9Page - Microchip Technology HCS512_02 Datasheet HTML 10Page - Microchip Technology HCS512_02 Datasheet HTML 11Page - Microchip Technology HCS512_02 Datasheet HTML 12Page - Microchip Technology HCS512_02 Datasheet HTML 13Page - Microchip Technology HCS512_02 Datasheet HTML 14Page - Microchip Technology HCS512_02 Datasheet HTML 15Page - Microchip Technology HCS512_02 Datasheet HTML 16Page - Microchip Technology HCS512_02 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
© 2002 Microchip Technology Inc.
DS40151D-page 13
HCS512
7.3
Key Generation Algorithms
There are two key generation algorithms implemented in the HCS512 decoder. The KEELOQ decryption algorithm pro-
vides a higher level of security than the XOR algorithm. Section 6.1 describes the selection of the algorithms in the con-
figuration byte.
7.3.1
KEELOQ DECRYPT ALGORITHM
This algorithm uses the KEELOQ decryption algorithm and the manufacturer’s code to derive the crypt key as follows:
Key Upper 32 bits = Decrypt (SourceH) 64 Bit Manufacturers Code
Key Lower 32 bits = Decrypt (SourceL) 64 Bit Manufacturers Code
7.3.2
XOR WITH THE MANUFACTURER’S CODE
The two 32-bits seeds are XOR with the manufacturer’s code to form the 64 bit crypt key.
Key Upper 32 bits = SourceH XOR Manufacturers Code Upper 32 bits
Key Lower 32 bits = SourceL XOR Manufacturers Code Lower 32 bits
After programming the manufacturer’s code, the HCS512 decoder will automatically activate an Erase All function,
removing all transmitters from the system.
If LRNIN is taken low momentarily during the learn status indication, the indication will be terminated. Once a successful
learning sequence is detected, the indication can be terminated, allowing quick learning in a manufacturing setup.
FIGURE 7-2:
HCS512 KEY GENERATION
KEELOQ
Decryption
Algorithm
Padding
6
28-bit Serial Number
Padding
2
28-bit Serial Number
MS 32 bits of crypt key
LS 32 bits of crypt key
Normal Learn (SC_LRN = 0)
LRN0 = 0
KEELOQ
Decryption
Algorithm
Padding
0000b
MS 28 bits of Seed Transmission
LS 32 bits of Seed Transmission
MS 32 bits of crypt key
LS 32 bits of crypt key
Secure Learn (SC_LRN = 1)
XOR
Padding
0000b
MS 28 bits of Seed Transmission
LS 32 bits of Seed Transmission
MS 32 bits of crypt key
LS 32 bits of crypt key
LRN0 = 1
Secure Learn XOR (SC_LRN = 1)
LRN0 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com