Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS512-/P Datasheet(PDF) 16 Page - Microchip Technology

Part # HCS512-/P
Description  KEELOQ짰 Code Hopping Decoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512-/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button HCS512-/P Datasheet HTML 12Page - Microchip Technology HCS512-/P Datasheet HTML 13Page - Microchip Technology HCS512-/P Datasheet HTML 14Page - Microchip Technology HCS512-/P Datasheet HTML 15Page - Microchip Technology HCS512-/P Datasheet HTML 16Page - Microchip Technology HCS512-/P Datasheet HTML 17Page - Microchip Technology HCS512-/P Datasheet HTML 18Page - Microchip Technology HCS512-/P Datasheet HTML 19Page - Microchip Technology HCS512-/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
HCS512
DS40151D-page 16
© 2002 Microchip Technology Inc.
TABLE 9-1:
DC CHARACTERISTICS
TABLE 9-2:
AC CHARACTERISTICS
FIGURE 9-1:
RESET WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
Standard Operating Conditions (unless otherwise stated)
Operating temperature
Commercial (C):
0
°C ≤ TA ≤ +70°C for commercial
Industrial (I):
-40
°C ≤ TA ≤ +85°C for industrial
Symbol
Characteristic
Min
Typ(†)
Max
Units
Conditions
VDD
Supply Voltage
4.0
—6.0
V
VPOR
VDD start voltage to
ensure RESET
—VSS
—V
SVDD
VDD rise rate to
ensure RESET
0.05*
V/ms
IDD
Supply Current
1.8
7.3
15
4.5
10
32
mA
mA
µA
FOSC = 4 MHz, VDD = 5.5V
(During EEPROM programming)
In SLEEP mode
VIL
Input Low Voltage
VSS
—0.16 VDD
Vexcept MCLR = 0.2 VDD
VIH
Input High Voltage
0.48 VDD
—VDD
Vexcept MCLR = 0.85 VDD
VOL
Output Low Voltage
0.6
V
IOL = 8.5 mA, VDD = 4.5V
VOH
Output High Voltage
VDD-0.7
V
IOH = -3.0 mA, VDD = 4.5V
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
*
These parameters are characterized but not tested.
Note:
Negative current is defined as coming out of the pin.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
FOSC
Oscillator frequency
2.7
4
6.21
MHz
REXT = 10K, CEXT = 10 pF
TE
PWM elemental
pulse width
65
1080
µs
4.5V < VDD < 5.5V
Oscillator components tolerance < 6%.
130
1080
µs
3V < VDD < 6V
Oscillator components tolerance <10%
TOD
Output delay
70
90
115
ms
TA
Output activation time
322
500
740
ms
TRPT
REPEAT activation time
32
50
74
ms
TLRN
LRNIN
activation time
21
32
ms
TMCLR
MCLR
low time
150
ns
TOV
Time output valid
150
222
ms
*
These parameters are characterized but not tested.
VDD
MCLR
I/O Pins
TOV
TMCLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com