Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20170C Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPS20170C
Description  High voltage power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20170C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPS20170C Datasheet HTML 7Page - STMicroelectronics STPS20170C Datasheet HTML 8Page - STMicroelectronics STPS20170C Datasheet HTML 9Page - STMicroelectronics STPS20170C Datasheet HTML 10Page - STMicroelectronics STPS20170C Datasheet HTML 11Page - STMicroelectronics STPS20170C Datasheet HTML 12Page - STMicroelectronics STPS20170C Datasheet HTML 13Page - STMicroelectronics STPS20170C Datasheet HTML 14Page - STMicroelectronics STPS20170C Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STPS20170C
Package information
DocID10243 Rev 3
11/15
Table 6: TO-220FPAB package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.50
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1.0
0.03
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.40
2.70
0.094
0.106
H
10.00
10.40
0.393
0.409
L2
16.00 typ.
0.63 typ.
L3
28.60
30.60
1.126
1.205
L4
9.80
10.6
0.386
0.417
L5
2.90
3.60
0.114
0.142
L6
15.90
16.40
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia
3.0
3.20
0.118
0.126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com