Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS40120CTN Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS40120CTN
Description  120 V power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40120CTN Datasheet(HTML) 3 Page - STMicroelectronics

  STPS40120CTN Datasheet HTML 1Page - STMicroelectronics STPS40120CTN Datasheet HTML 2Page - STMicroelectronics STPS40120CTN Datasheet HTML 3Page - STMicroelectronics STPS40120CTN Datasheet HTML 4Page - STMicroelectronics STPS40120CTN Datasheet HTML 5Page - STMicroelectronics STPS40120CTN Datasheet HTML 6Page - STMicroelectronics STPS40120CTN Datasheet HTML 7Page - STMicroelectronics STPS40120CTN Datasheet HTML 8Page - STMicroelectronics STPS40120CTN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AN604: Calculation of conduction losses in a power rectifier
AN4021: Calculation of reverse losses on a power diode
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current (per diode)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
1 0
12
14
16
18
20
22
24
P
( W)
F(AV)
T
=tp/T
tp
= 1
= 0.05
I
(A)
F(AV)
= 0.5
= 0.2
= 0.1
δ
δ
δ
δ
δ
δ
Figure 2. Average forward current versus ambient
temperature (δ = 0.5, per diode)
0
2
4
6
8
10
12
14
16
18
20
22
0
25
50
75
100
125
150
175
I
(A)
F(AV)
T
=tp/T
tp
Tamb(°C)
R
= 15°C/W
th(j-a)
R
=R
th(j-a)
t h(j-c)
δ
Figure 3. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z
/R
th(j-c)
th(j-c)
t (s )
p
Single pulse
STPS40120C
Characteristics (curves)
DS4231 - Rev 4
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com