Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS360-I/SN Datasheet(PDF) 14 Page - Microchip Technology

Part # HCS360-I/SN
Description  KEELOQ짰 Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360-I/SN Datasheet(HTML) 14 Page - Microchip Technology

Back Button HCS360-I/SN Datasheet HTML 10Page - Microchip Technology HCS360-I/SN Datasheet HTML 11Page - Microchip Technology HCS360-I/SN Datasheet HTML 12Page - Microchip Technology HCS360-I/SN Datasheet HTML 13Page - Microchip Technology HCS360-I/SN Datasheet HTML 14Page - Microchip Technology HCS360-I/SN Datasheet HTML 15Page - Microchip Technology HCS360-I/SN Datasheet HTML 16Page - Microchip Technology HCS360-I/SN Datasheet HTML 17Page - Microchip Technology HCS360-I/SN Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
HCS360
DS40152D-page 14
 2001 Microchip Technology Inc.
5.5
Auto-shutoff
The Auto-shutoff function automatically stops the
device from transmitting if a button inadvertently gets
pressed for a long period of time. This will prevent the
device from draining the battery if a button gets
pressed while the transmitter is in a pocket or purse.
This function can be enabled or disabled and is
selected by setting or clearing the time-out bit
(Section 3.5.5). Setting this bit will enable the function
(turn Auto-shutoff function on) and clearing the bit will
disable the function. Time-out period is approximately
25 seconds.
5.6
VLOW: Voltage LOW Indicator
The VLOW bit is transmitted with every transmission
(Figure 4-3) and will be transmitted as a one if the
operating voltage has dropped below the low voltage
trip point, typically 3.8V at 25°C. This VLOW signal is
transmitted so the receiver can give an indication to the
user that the transmitter battery is low.
5.7
LED Output Operation
During normal transmission the LED output is LOW
while the data is being transmitted and high during the
guard time. Two voltage indications are combined into
one bit: VLOW. Table 5-1 indicates the operation value
of VLOW while data is being transmitted.
FIGURE 5-1:
VLOW TRIP POINT VS.
TEMPERATURE
If the supply voltage drops below the low voltage trip
point, the LED output will be toggled at approximately
1Hz during the transmission.
*See also Flash operating modes.
FIGURE 5-2:
BLANK ALTERNATE CODE WORD
TABLE 5-1
VLOW AND LED VS. VDD
Approximate
Supply Voltage
Vlow Bit
LED Operation*
Max
→ 3.8V
0
Normal
3.8V
→ 2.2V
1
Flashing
2.2V
→ Min
0
Normal
3.5
2V
-40
25
85
VLOW=0
Nominal Trip Point
3.8V
VLOW=1
VLOW=0
Nominal Trip
Point
4.5
4
3.5
3
2.5
2
1.5
One Code Word
BACW Disabled
(All words transmitted)
BACW Enabled
(1 out of 2 transmitted)
A
2A
100ms
100ms
100ms
100ms
Amplitude
Time
Min Tx Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com