Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-41ML Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # GPS-41ML
Description  Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-41ML Datasheet(HTML) 4 Page - rfsolutions.ltd

  GPS-41ML Datasheet HTML 1Page - rfsolutions.ltd GPS-41ML Datasheet HTML 2Page - rfsolutions.ltd GPS-41ML Datasheet HTML 3Page - rfsolutions.ltd GPS-41ML Datasheet HTML 4Page - rfsolutions.ltd GPS-41ML Datasheet HTML 5Page - rfsolutions.ltd GPS-41ML Datasheet HTML 6Page - rfsolutions.ltd GPS-41ML Datasheet HTML 7Page - rfsolutions.ltd GPS-41ML Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS-41ML-1 Feb ’06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 4
Tel 01273 898000 Fax 01273 480661
GPS Receiver Module
GPS-41MLR
GPS-41MLF
NMEA Messages
The serial interface protocol is based on the National Marine Electronics Association’s NMEA 0183 ASCII
interface specification. This standard is fully define in “NMEA 0183, Version 3.01” The standard may be
obtained from NMEA, www.nmea.org
GGA - GPS FIX DATA
Time, position and position-fix related data (number of satellites in use, HDOP, etc.).
Format:
$GPGGA,<1>,<2>,<3>,<4>,<5>,<6>,<7>,<8>,<9>,M,<10>,M,<11>,<12>,*<13><CR><LF>
Example:
$GPGGA,104549.04,2447.2038,N,12100.4990,E,1,06,01.7,00078.8,M,0016.3,M,,*5C<CR><LF>
Field
Example
Description
1
104549.04 UTC time in hhmmss.ss format, 000000.00 ~ 235959.99
2
2447.2038 Latitude in ddmm.mmmm format
Leading zeros transmitted
3
N
Latitude hemisphere indicator, ‘N’ = North, ‘S’ = South
4
12100.4990 Longitude in dddmm.mmmm format
Leading zeros transmitted
5
E
Longitude hemisphere indicator, 'E' = East, 'W' = West
6
1
Position fix quality indicator
0: position fix unavailable
1: valid position fix, SPS mode
2: valid position fix, differential GPS mode
7
06
Number of satellites in use, 00 ~ 12
8
01.7
Horizontal dilution of precision, 00.0 ~ 99.9
9
00078.8
Antenna height above/below mean sea level, -9999.9 ~ 17999.9
10
0016.3
Geoidal height, -999.9 ~ 9999.9
11
Age of DGPS data since last valid RTCM transmission in xxx format (seconds)
NULL when DGPS not used
12
Differential reference station ID, 0000 ~ 1023
NULL when DGPS not used
13
5C
Checksum
Note: The checksum field starts with a ‘*’ and consists of 2 characters representing a hex number. The
checksum is the exclusive OR of all characters between ‘$’ and ‘*’.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com