Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF620R Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # RF620R
Description  SmartRadio Transmitter / Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF620R Datasheet(HTML) 1 Page - rfsolutions.ltd

  RF620R Datasheet HTML 1Page - rfsolutions.ltd RF620R Datasheet HTML 2Page - rfsolutions.ltd RF620R Datasheet HTML 3Page - rfsolutions.ltd RF620R Datasheet HTML 4Page - rfsolutions.ltd RF620R Datasheet HTML 5Page - rfsolutions.ltd RF620R Datasheet HTML 6Page - rfsolutions.ltd RF620R Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS620-3 Jan ‘07
©2007 Reg. No. 227 4001, ENGLAND
Page 1
RF620T
RF620R
SmartRadio Transmitter / Receiver
Easy to use Radio Transmitter & Receivers
AM Radio Hybrid Technology
Supports Data or Telemetry communications
Simple CMOS/TTL Data Interface
Automatic data encryption / decryption
Host Interface up to 19200 Baud
Optional host Flow Control
On Board Buffer
Transmit Range Up To 100m
2 Telemetry Lines.
Operates from –20 to +85°C
Applications
Wireless Security Systems
EPOS Terminal and meter Reading
Wireless RS232
Sensor Data logging
Remote Telemetry & Telecommand
Description
The RF620 Smart Radio modules provide low cost reliable wireless data communications.
The modules enable a simple ‘plug & play’ solution, providing a direct radio link for either a serial data stream
(CMOS/TTL) or 2 remote control telemetry lines.
The modules contain integrated microprocessors which perform the necessary encryption to optimise the data
for transmission by radio. This ensures the maximum range and reliability.
In the non-learned mode, all RF620R receiver modules within range of the. RF620T transmitter module will
transparently decode and output the data sent to them over the RF link.
If a secure point to point link is required then the RF620R receiver can be matched to the RF620T transmitter
by a simple learn procedure. This also allows several separate point to point links to communicate
consecutively in the same area.
Possible applications include one-to-one and multi-node wireless links in applications including car and
building security, EPOS and inventory tracking, remote industrial process monitoring and computer
networking. Because of their small size and low power requirements, both modules are ideal for use in
portable, battery-powered applications such as hand-held terminals.
Part Numbering
Part Number
Description
RF620TA
Smart Radio Transmitter Module, AM 433MHz
RF620RA
Smart Radio Receiver Module, AM 433MHz


Similar Part No. - RF620R

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263PCBA-41X RFMD-RF6263PCBA-41X Datasheet
161Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6288 RFMD-RF6288 Datasheet
119Kb / 1P
PA Load Insensitive
More results

Similar Description - RF620R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4395 STMICROELECTRONICS-STB4395 Datasheet
153Kb / 16P
CT2 RECEIVER/TRANSMITTER
Apr-1996
logo
Aeroflex Circuit Techno...
MT25003 AEROFLEX-MT25003 Datasheet
1,001Kb / 24P
ARINC629 RECEIVER TRANSMITTER
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923 Datasheet
629Kb / 35P
HOTLink??Transmitter/Receiver
April 5, 1999
CY7B923 CYPRESS-CY7B923_05 Datasheet
805Kb / 33P
HOTLink Transmitter/Receiver
logo
rfsolutions.ltd
UTR3 RFSOLUTIONS-UTR3 Datasheet
766Kb / 2P
Ultrasonic Transmitter / Receiver
DS-BRAVO-E RFSOLUTIONS-DS-BRAVO-E Datasheet
1Mb / 12P
SmartRadio Telemetry Module
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923_11 Datasheet
1Mb / 40P
HOTLink짰 Transmitter/Receiver
logo
Epson Company
S1R77081F EPSON-S1R77081F Datasheet
161Kb / 2P
RSDS Transmitter/Receiver
logo
Logic Fruit Technologie...
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
Transmitter and Receiver
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com