Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVC32PWR.B Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ALVC32PWR.B
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ALVC32PWR.B Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALVC32PWR.B Datasheet HTML 1Page - Texas Instruments SN74ALVC32PWR.B Datasheet HTML 2Page - Texas Instruments SN74ALVC32PWR.B Datasheet HTML 3Page - Texas Instruments SN74ALVC32PWR.B Datasheet HTML 4Page - Texas Instruments SN74ALVC32PWR.B Datasheet HTML 5Page - Texas Instruments SN74ALVC32PWR.B Datasheet HTML 6Page - Texas Instruments SN74ALVC32PWR.B Datasheet HTML 7Page - Texas Instruments SN74ALVC32PWR.B Datasheet HTML 8Page - Texas Instruments SN74ALVC32PWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
SN74ALVC32D
Active
Production
SOIC (D) | 14
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
ALVC32
SN74ALVC32D.B
Active
Production
SOIC (D) | 14
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
ALVC32
SN74ALVC32DGVR
Active
Production
TVSOP (DGV) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
VA32
SN74ALVC32DGVR.B
Active
Production
TVSOP (DGV) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
VA32
SN74ALVC32DGVRG4
Active
Production
TVSOP (DGV) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
VA32
SN74ALVC32DGVRG4.B
Active
Production
TVSOP (DGV) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
VA32
SN74ALVC32DR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
ALVC32
SN74ALVC32DR.B
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
ALVC32
SN74ALVC32NSR
Active
Production
SOP (NS) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
ALVC32
SN74ALVC32NSR.B
Active
Production
SOP (NS) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
ALVC32
SN74ALVC32PW
Active
Production
TSSOP (PW) | 14
90 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
VA32
SN74ALVC32PW.B
Active
Production
TSSOP (PW) | 14
90 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
VA32
SN74ALVC32PWE4
Active
Production
TSSOP (PW) | 14
90 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
VA32
SN74ALVC32PWR
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
VA32
SN74ALVC32PWR.B
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
VA32
SN74ALVC32PWR1G4
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
VA32
SN74ALVC32PWR1G4.B
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
VA32
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com