Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS10150CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS10150CT
Description  High voltage power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10150CT Datasheet(HTML) 4 Page - STMicroelectronics

  STPS10150CT Datasheet HTML 1Page - STMicroelectronics STPS10150CT Datasheet HTML 2Page - STMicroelectronics STPS10150CT Datasheet HTML 3Page - STMicroelectronics STPS10150CT Datasheet HTML 4Page - STMicroelectronics STPS10150CT Datasheet HTML 5Page - STMicroelectronics STPS10150CT Datasheet HTML 6Page - STMicroelectronics STPS10150CT Datasheet HTML 7Page - STMicroelectronics STPS10150CT Datasheet HTML 8Page - STMicroelectronics STPS10150CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
STPS10150C
4/12
DocID7754 Rev 7
Figure 9. Thermal resistance junction to ambient versus copper surface under tab (D²PAK)
Figure 7. Forward voltage drop vs. forward
current (per diode)
Figure 8. Junction capacitance versus reverse
voltage applied (typical values, per diode)
I
(A)
FM
0
1
10
100
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Tj=25 °C
(Maximum values)
Tj=125 °C
(Maximum values)
Tj=125 °C
(Maximum values)
Tj=125 °C
(Typical values)
Tj=125 °C
(Typical values)
V
(V)
FM
C(pF)
10
100
1000
1
10
100
1000
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
V (V)
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com