Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20120D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20120D
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20120D Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20120D Datasheet HTML 1Page - STMicroelectronics STPS20120D Datasheet HTML 2Page - STMicroelectronics STPS20120D Datasheet HTML 3Page - STMicroelectronics STPS20120D Datasheet HTML 4Page - STMicroelectronics STPS20120D Datasheet HTML 5Page - STMicroelectronics STPS20120D Datasheet HTML 6Page - STMicroelectronics STPS20120D Datasheet HTML 7Page - STMicroelectronics STPS20120D Datasheet HTML 8Page - STMicroelectronics STPS20120D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
2
4
6
8
10
12
14
16
18
20
22
24
26
IF(AV)(A)
PF(AV)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
Figure 2. Average forward current versus ambient
temperature (δ = 0.5)
0
2
4
6
8
10
12
14
16
18
20
22
0
25
50
75
100
125
150
175
Tamb(°C)
IF(AV)(A)
Rth(j-a) = Rth(j-c)
Rth(j-a) = 15°C/W
T
δ=tp/T
tp
Figure 3. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tP(s)
Zth(j-c) /Rth(j-c)
Single pulse
STPS20120D
Characteristics (curves)
DS4232 - Rev 2
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com